Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 7630
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 9Page - Renesas Technology Corp 7630 Datasheet HTML 10Page - Renesas Technology Corp 7630 Datasheet HTML 11Page - Renesas Technology Corp 7630 Datasheet HTML 12Page - Renesas Technology Corp 7630 Datasheet HTML 13Page - Renesas Technology Corp 7630 Datasheet HTML 14Page - Renesas Technology Corp 7630 Datasheet HTML 15Page - Renesas Technology Corp 7630 Datasheet HTML 16Page - Renesas Technology Corp 7630 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
12
MITSUBISHI MICROCOMPUTERS
7630 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Port Pull-up/pull-down Function
Each pin of ports P0 to P4 except P11 is equipped with a program-
mable pull-up transistor. P32/CRX and P40/KW0 to P47/KW7 are
equipped with programmable pull-down transistors as well. The
pull-up function of P0 to P3 can be controlled by the corresponding
port pull-up control registers (see Structure of port pull-up/down
control registers). The pull-up/down function of ports P32 and P4
can be controlled by the corresponding port pull-up/pull-down regis-
ters together with the polarity control register (see Structure of
polarity control register).
Fig. 11
Structure of port pull-up/down control registers
Fig. 12
Structure of polarity control register
P3j pull-up transistor control bit (j = 0, 1)
P32 pull-up/down transistor control bit
P3j pull-up transistor control bit (j = 3, 4)
Not used (“0” when read, do not write “1”)
Pij pull-up transistor control bit (j = 0 to 7)
0 : Pull-up transistor disabled
1 : Pull-up transistor enabled
70
Port Pi pull-up control register (address 002816 + i) (i = 0, 2)
PUP0, PUP2
70
Port P1 pull-up control register (address 002916)
PUP1
70
Port P3 pull-up control register (address 002B16)
PUP3
P4j pull-up/down transistor control bit (j = 0 to 7)
70
Not used (“0” when read, do not write “1”)
P1j pull-up transistor control bit (j = 2 to 7)
0 : Pull-up/down transistor disabled
1 : Pull-up/down transistor enabled
Port P4 pull-up/down control register (address 002C16)
PUP4
Key-on wake-up polarity control bit
0 : Low level active
1 : High level active
CAN module dominant level control bit
0 : Low level dominant
1 : High level dominant
Not used (undefined when read)
70
Polarity control register (address 002F16)
PCON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com