Electronic Components Datasheet Search
  English  ▼

X  

BT-21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BT-21
Description  Bluetooth OEM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT-21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BT-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
BT-21 Datasheet
9/29/08
www.ampedrf.com
Page 3 of 12
3
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
Hardware Specifications
General Conditions (VIN= 3.0V and 25°C)
Recommended Operating Conditions
Absolute Maximum Ratings
Current Consumption
Rating
Min
Typical
Max
Unit
Operating Temperature Range
-20
-
80
°C
Supply Voltage VIN
2.8
3.0
3.4
Volts
Signal Pin Voltage
-
3.0
-
Volts
RF Frequency
2400
-
2483.5
MHz
Rating
Min
Typical
Max
Unit
Storage temperature range
-55
-
+150
°C
Supply voltage, VIN
-0.3
-
+ 3.6
Volts
I/O pin voltage, VIO
-0.3
-
+ 4.0
Volts
RF input power
-
-
-5
dBm
Modes
Avg
Unit
Typical Power Consumption
ACL data 115K Baud UART at max throughput (Master)
35.0
mA
ACL data 115K Baud UART at max throughput (Slave)
35.0
mA
Connection, no data traffic, master
16.0
mA
Connection, no data traffic, slave
24.0
mA
Connection in sniff (Tsniff=100ms), no data traffic, master
8.0
mA
Connection in sniff (Tsniff=100ms), no data traffic, slave
8.4
mA
Connection in sniff (Tsniff=375ms), no data traffic, master
2.0
mA
Connection in sniff (Tsniff=375ms), no data traffic, slave
2.5
mA
Standby, without deep sleep
14.0
mA
Standby, with deep sleep
0.11
mA
Page/Inquiry scan, deep sleep
1.4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com