Electronic Components Datasheet Search
  English  ▼

X  

BT-21 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # BT-21
Description  Bluetooth OEM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT-21 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  BT-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
BT-21 Datasheet
9/29/08
www.ampedrf.com
Page 4 of 12
4
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
I/O Operating Characteristics
Selected RF Characteristics
Parameters
Conditions
BT Spec
Typical
Unit
Antenna load
50
ohm
Radio Receiver
Sensitivity level
BER < .001 with DH5
≤ -70
-84
dBm
Maximum usable level
BER < .001 with DH1
≥ -20
-9
dBm
Input VSWR
2.5:1
Radio Transmitter
Maximum output power
50 Ω load
-6 to +4
+5
dBm
Initial Carrier Frequency Tolerance
± 75
0
kHz
20 dB Bandwidth for modulated carrier
≤ 1000
932
kHz
Symbol
Parameter
Min
Max
Unit
Conditions
VIL
Low-Level Input Voltage
-
0.9
Volts
VIN, 3.0V
VIH
High-Level Input Voltage
2.1
-
Volts
VIN, 3.0V
VOL
Low-Level Output Voltage
-
0.4
Volts
VIN, 3.0V
VOH
High-Level Output Voltage
2.2
-
Volts
VIN, 3.0V
IOL
Low -Level Output Current
-
4.0
mA
V
= 0.4 V
OL
IOH
High-Level Output Current
-
4.0
mA
V
= 2.2 V
OH
RPU
Pull-up Resistor
80
120
KΩ
Resistor Turned On
RPD
Pull-down Resistor
80
120
KΩ
Resistor Turned On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com