Electronic Components Datasheet Search
  English  ▼

X  

BT-21 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BT-21
Description  Bluetooth OEM Module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BT-21 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BT-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 10Page - List of Unclassifed Manufacturers BT-21 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2008 Amp’ed RF Inc
1722 Ringwood Ave, Suite 250, San Jose, CA 95131, USA
BT-21 Datasheet
9/29/08
www.ampedrf.com
Page 7 of 12
7
Amp’ed RF, Inc.
(phone) 408 213-9530
(fax) 408 213-9533
Hardware Block Diagram
Battery or supply
STLC2500C
ARM MCU
UART
2.75V
BP
Filter
GPIO
256K/Flash
64K/RAM
SPI
UART
ROM
RAM
BT stack
up to HCI
- abSerial/Application
- GAP, SPP, DUN, OBEX
- SDP/RFCOMM
- L2CAP
2.75V
Reset
BT_WakeUp
Regulator
26 MHz
Crystal
BT-21 Bluetooth Module Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com