Electronic Components Datasheet Search
  English  ▼

X  

HA1630S06LP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HA1630S06LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S06LP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HA1630S06LP Datasheet HTML 1Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 2Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 3Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 4 of 24
Jan 10, 2014
Table of Graphs
Electrical Characteristics
HA1630S04
Figure
HA1630S05
Figure
HA1630S06
Figure
Test
Circuit
Supply current
IDD
vs Supply voltage
1-1
2-1
3-1
2
vs Ambient temperature
1-2
2-2
3-2
Output high voltage
VOH
vs Output source current
1-3
2-3
3-3
4
vs Supply voltage
1-4
2-4
3-4
Output source current
IO SOURCE
vs Ambient temperature
1-5
2-5
3-5
6
Output low voltage
VOL
vs Output sink current
1-6
2-6
3-6
5
Output sink current
IO SINK
vs Ambient temperature
1-7
2-7
3-7
6
Input offset voltage
VIO
Distribution
1-8
2-8
3-8
1
vs Supply voltage
1-9
2-9
3-9
vs Ambient temperature
1-10
2-10
3-10
Common mode input
voltage range
VCM
vs Ambient temperature
1-11
2-11
3-11
7
Power supply rejection
ratio
PSRR
vs Frequency
1-12
2-12
3-12
1
Common mode rejection
ratio
CMRR
vs Frequency
1-13
2-13
3-13
7
Voltage gain & phase
angle
AV
vs Frequency
1-14
2-14
3-14
10
Input bias current
IIB
vs Ambient temperature
1-15
2-15
3-15
3
vs Input voltage
1-16
2-16
3-16
Slew Rate (rising)
SRr
vs Ambient temperature
1-17
2-17
3-17
9
Slew Rate (falling)
SRf
vs Ambient temperature
1-18
2-18
3-18
Slew rate
Large signal transient
response
1-19
2-19
3-19
Small signal transient
response
1-20
2-20
3-20
Total harmonic distortion +
noise
(0 dB)
vs. Output voltage p-p
1-21
2-21
3-21
8
(40 dB)
vs. Output voltage p-p
1-22
2-22
3-22
Maximum p-p output
voltage
vs Frequency
1-23
2-23
3-23
Voltage noise density
vs Frequency
1-24
2-24
3-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com