Electronic Components Datasheet Search
  English  ▼

X  

HA1630S06LP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA1630S06LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S06LP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA1630S06LP Datasheet HTML 2Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 3Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 4Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 5Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 6Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 7Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 8Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 9Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 6 of 24
Jan 10, 2014
Figure 1-6. HA1630S04
Output Low Voltage vs. Output Sink Current
0
0.5
1.0
1.5
0246
Output Sink Current IOSINK (mA)
VDD = 5.5 V
VDD = 3.0 V
VDD = 1.8 V
Figure 1-8. HA1630S04
Input Offset Voltage Distribution
0
10
20
30
40
−4 −3 −2 −1
0
123
4
Input Offset Voltage VIO (mV)
Figure 1-10. HA1630S04
Input Offset Voltage vs. Ambient Temperature
−4
−3
−2
−1
0
1
2
3
4
−40 −20
0
20
406080
100
Ambient Temperature Ta (
°C)
Figure 1-7. HA1630S04
Output Sink Current vs. Ambient Temperature
0
4
2
6
8
10
−40 −20
0
20
40
60
80
100
Ambient Temperature Ta (
°C)
Figure 1-9. HA1630S04
Input Offset Voltage vs. Supply Voltage
−4
−3
−2
−1
0
1
2
3
4
1
2
34
56
Supply Voltage VDD (V)
Ta = 25
°C
VIN = 0.5 V
Figure 1-11. HA1630S04
Common Mode Input Voltage vs.
Ambient Temperature
−1.0
0
1.0
2.0
3.0
−40 −20
0
20
40
60
80
100
Ambient Temperature Ta (
°C)
VDD = 5.5 V
VDD = 3.0 V
VDD = 1.8 V
VDD = 3.0 V, VIN = 1.5 V
VDD = 5.5 V, VIN = 2.75 V
VDD = 1.8 V, VIN = 0.9 V
VDD = 3.0 V
Ta = 25
°C
VDD = 3.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com