Electronic Components Datasheet Search
  English  ▼

X  

HA1630S06LP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HA1630S06LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S06LP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HA1630S06LP Datasheet HTML 16Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 17Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 18Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 19Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 20Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 21Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 22Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 23Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 23 of 24
Jan 10, 2014
MASS (Typ) [g]
0.006
Previous Code
RENESAS Code
PTSP0005ZC-A
CMPAK-5 / CMPAK-5V
JEITA Package Code
SC-88A
© 2013 Renesas Electronics Corporation. All rights reserved.
Dimensions in millimeters
A
A1
A2
A3
b
c
D
E
e
HE
L
L1
LP
x
y
Q
0.8
0
0.8
⎯
0.15
0.1
1.8
1.15
⎯
1.8
0.3
0.1
0.2
⎯
⎯
⎯
Min
Nom
Reference
Symbol
Max
⎯
⎯
0.9
0.25
0.22
0.13
2.0
1.25
0.65
2.1
⎯
⎯
⎯
⎯
⎯
0.25
1.1
0.1
1.0
⎯
0.3
0.15
2.2
1.35
⎯
2.4
0.7
0.5
0.6
0.05
0.05
⎯
e
A
EHE
L
L1
Q
c
D
b
AA
A3
LP
S
A
A2
A1
A
S
M
x
S
y
b
A-A Section
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com