Electronic Components Datasheet Search
  English  ▼

X  

HA1630S06LP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HA1630S06LP
Description  Ultra-Small Low Voltage Operation CMOS Single Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630S06LP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HA1630S06LP Datasheet HTML 16Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 17Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 18Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 19Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 20Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 21Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 22Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 23Page - Renesas Technology Corp HA1630S06LP Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
HA1630S04/05/06 Series
R03DS0082EJ0200 Rev.2.00
Page 20 of 24
Jan 10, 2014
Test Circuits
Measure VO corresponding to VDD1 = 2.95 V and VDD2 = 3.05 V
1. Power Supply Rejection Ratio, PSRP & Voltage Offset, VIO
2. Supply Current, IDD
3. Input Bias Current, IIB
4. Output High Voltage, VOH
5. Output Low Voltage, VOL
VIN1 = VDD / 2 − 0.05 V
VIN2 = VDD / 2 + 0.05 V
−
+
A
VDD
VDD
2
−
+
A
VDD
VDD
2
−
+
VDD
VO
VDD
2
RS = 6.8 kΩ
RS = 6.8 kΩ
RF = 680 kΩ
VIO
VOH
VIN1 = VDD / 2 + 0.05 V
VIN2 = VDD / 2 − 0.05 V
VOL
PSRR =
−20log
×
RS
RS + RF
VO1 − VO2
VDD1 − VDD2
VIO = VO −
×
RS + RF
RS
2
VDD
PSRR
−
+
VDD
VO
VIN1 VIN2
RL = 100 kΩ
−
+
VDD
VO
VIN1
VIN2
RL = 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com