Electronic Components Datasheet Search
  English  ▼

X  

M62501P Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62501P
Description  PWM IC for the Synchronized Deflection System Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62501P Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62501P Datasheet HTML 1Page - Renesas Technology Corp M62501P Datasheet HTML 2Page - Renesas Technology Corp M62501P Datasheet HTML 3Page - Renesas Technology Corp M62501P Datasheet HTML 4Page - Renesas Technology Corp M62501P Datasheet HTML 5Page - Renesas Technology Corp M62501P Datasheet HTML 6Page - Renesas Technology Corp M62501P Datasheet HTML 7Page - Renesas Technology Corp M62501P Datasheet HTML 8Page - Renesas Technology Corp M62501P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M62501P/FP
Rev.2.00 Jun 14, 2006 page 4 of 10
Terminal Functional Description and Equivalent Circuit
Terminal
No.
Symbol
Function and Terminal Circumscription Circuitry
1
PWM
OUT
PWM output terminal
• The PWM output synchronized with the T
IN
input.
• Output "H" level = 10.5 V typ
(The output load current:
−100 mA, VCC = 12 V)
• Output "L" level = 0.7 V typ
(The output load current: +100 mA, VCC = 12 V)
VCC
PWM
OUT
GND
2
1
16
2
VCC
Power supply terminal
Trigger input terminal
• Frequency range
15 kHz to 150 kHz
• It takes in a start edge.
3
TIN
Max 2.5 V
Min 1.0 V
TIN input waveform
TIN
VREF
VCC
GND
2
15
16
3
4
COSC
Cosc terminal
• It generates a saw wave by connecting capacitor between 4-pin and GND.
• Recommended capacitor value is 1000 pF.
5
CAGC
CAGC terminal
• It sets up sensitivity of AGC by connecting capacitor between 5-pin and GND.
• Recommended capacitor value is 1 µF.
15
4
16
5
COSC
GND
VREF
CAGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com