Electronic Components Datasheet Search
  English  ▼

X  

M62501P Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62501P
Description  PWM IC for the Synchronized Deflection System Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62501P Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62501P Datasheet HTML 1Page - Renesas Technology Corp M62501P Datasheet HTML 2Page - Renesas Technology Corp M62501P Datasheet HTML 3Page - Renesas Technology Corp M62501P Datasheet HTML 4Page - Renesas Technology Corp M62501P Datasheet HTML 5Page - Renesas Technology Corp M62501P Datasheet HTML 6Page - Renesas Technology Corp M62501P Datasheet HTML 7Page - Renesas Technology Corp M62501P Datasheet HTML 8Page - Renesas Technology Corp M62501P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev.2.00 Jun 14, 2006 page 1 of 10
M62501P/FP
PWM IC for the Synchronized Deflection System Control
REJ03D0857-0200
Rev.2.00
Jun 14, 2006
General Description
The M62501P/FP is a controller for a deflection system of CRT display monitors. It performs a stable PWM control
over a wide fluctuation of external signals, thanks to the built-in trigger mode oscillator. The IC is suitable for an
application to a high voltage drive of monitors because of its following circuits and functions;
• low voltage malfunction protection circuit,
• over or under voltage protection circuit for a control line,
• soft-start function.
It is also applicable to a horizontal output correction.
Features
• PWM output synchronized with external signals
• Wide pulse width modulation control frequency
15 kHz to 150 kHz
• Soft start function
• The under voltage output malfunction protection circuit
start VCC > 9 V
stop VCC < 6 V
• Built-in over voltage protection (OVP) and under voltage protection (UVP) control
Application
CRT display monitor
Block Diagram
VCC
VCC
GND
DTC
FB
IN
−
IN
+
BO
BI
PWM OUT
CAGC
OVP
UVP
0.5 V
VREF
VREF
POUT
COSC
TIN
16
15
14
13
12
11
2
3
4
5
6
7
8
Comp
UVLO
Amp
Amp
Comp
GEN
AGC
Comp
−
−
+
10
9
1
VREF
Latch


Similar Part No. - M62501P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62501P MITSUBISHI-M62501P Datasheet
96Kb / 9P
PWM IC for the synchronized deflection system control
More results

Similar Description - M62501P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62501P MITSUBISHI-M62501P Datasheet
96Kb / 9P
PWM IC for the synchronized deflection system control
M62502FP MITSUBISHI-M62502FP Datasheet
83Kb / 7P
PWM IC for the synchronized deflection system control
M62500P MITSUBISHI-M62500P Datasheet
113Kb / 11P
SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Renesas Technology Corp
M62500P RENESAS-M62500P Datasheet
3Mb / 12P
SYNCHRONIZATION DEFLECTION SYSTEM CONTROL PWM IC
logo
Rohm
BM1P065FJ ROHM-BM1P065FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P066FJ ROHM-BM1P066FJ Datasheet
1Mb / 31P
PWM Control IC
BM1P067FJ ROHM-BM1P067FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P068FJ ROHM-BM1P068FJ Datasheet
1Mb / 30P
PWM Control IC
BM1P107FJ ROHM-BM1P107FJ Datasheet
1Mb / 30P
PWM Control IC
logo
Mitsumi Electronics, Co...
MM3663 MITSUMI-MM3663 Datasheet
162Kb / 23P
The PWM control IC for AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com