Electronic Components Datasheet Search
  English  ▼

X  

M62501P Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62501P
Description  PWM IC for the Synchronized Deflection System Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62501P Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62501P Datasheet HTML 1Page - Renesas Technology Corp M62501P Datasheet HTML 2Page - Renesas Technology Corp M62501P Datasheet HTML 3Page - Renesas Technology Corp M62501P Datasheet HTML 4Page - Renesas Technology Corp M62501P Datasheet HTML 5Page - Renesas Technology Corp M62501P Datasheet HTML 6Page - Renesas Technology Corp M62501P Datasheet HTML 7Page - Renesas Technology Corp M62501P Datasheet HTML 8Page - Renesas Technology Corp M62501P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M62501P/FP
Rev.2.00 Jun 14, 2006 page 2 of 10
Pin Arrangement
M62501P/FP
116
PWM OUT
GND
215 VREF
VCC
314 DTC
TIN
413 FB
COSC
512 IN
−
CAGC
611 IN
+
P. OUT
710 BO
OVP
89
BI
UVP
Outline: PRDP0016AA-A (16P4) [P]
PRSP0016DA-A (16P2S-A) [FP]
(Top view)
Terminal Number and The Facility
PIN No.
Symbol
Functional Description
1
PWM OUT
PWM output
2
VCC
Power supply
3
TIN
Trigger input
4
COSC
Setting oscillating frequency
5
CAGC
AGC setting
6
P.OUT
Error signal output
7
OVP
Input of over voltage protection
8
UVP
Input of under voltage protection
9
BI
Positive input of buffer Amp.
10
BO
Output of buffer Amp.
11
IN+
Positive input of Op-Amp.
12
IN
−
Negative input of Op-Amp.
13
FB
Output of Op-Amp.
14
DTC
Dead time control (Soft start function)
15
VREF
Output of reference voltage (5 V)
16
GND
Ground
Absolute Maximum Ratings
(Ta = 25
°C, unless otherwise noted)
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
15
V
Output voltage
VOUT
15
V
Output current
IOUT
±100
mA
Error amplifier input common mode voltage
VICM
−0.3 to VCC
V
Error amplifier differential input voltage
VID
VCC
V
P
FP
Power dissipation
Pd
1200
650
mW
P
FP
Thermal derating
K
θ
9.6
5.2
mW/
°C
Ta
≥ 25°C
Operating temperature
Topr
−20 to +75
°C
Storage temperature
Tstg
−40 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com