Electronic Components Datasheet Search
  English  ▼

X  

M62501P Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M62501P
Description  PWM IC for the Synchronized Deflection System Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62501P Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M62501P Datasheet HTML 3Page - Renesas Technology Corp M62501P Datasheet HTML 4Page - Renesas Technology Corp M62501P Datasheet HTML 5Page - Renesas Technology Corp M62501P Datasheet HTML 6Page - Renesas Technology Corp M62501P Datasheet HTML 7Page - Renesas Technology Corp M62501P Datasheet HTML 8Page - Renesas Technology Corp M62501P Datasheet HTML 9Page - Renesas Technology Corp M62501P Datasheet HTML 10Page - Renesas Technology Corp M62501P Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
M62501P/FP
Rev.2.00 Jun 14, 2006 page 8 of 10
M62501 Application
C1, C2: Stabilization capacitors of VCC and VREF.
VR1:
It is decided considering a load capacity of VREF.
(A load capacity is approximately 5 mA.)
Recommended value is around 10 k
Ω.
C3, Dl: They are for the soft start function. A time constant is decided considering VR1.
CAGC: This capacitor is for stabilization of AGC. A larger capacitor improves a stability of the system, however
a system response is degraded.
Recommended value is around 1
µF.
COSC: This capacitor is for a saw wave generation. Recommended value is around 1000 pF.
R1, R2, R3, R4, C4, C5:
They are for a gain setting of the error Amp. R2 should be several k
Ω to dozens of kΩ to set a voltage gain
20 dB to 40 dB at f = 1 kHz, so that the feed back loop is stable.
When the voltage gain is too low, it causes jitter.
Recommended values of C4, C5 and R1 are ;
C4 = dozens of pF to several hundreds pF
C5 = several thousands pF to tens of thousands pF
R1 = dozens of k
Ω to several hundreds kΩ.
Note: Connect 7-pin and 8-pin terminal to GND when don't use under voltage protection. (UVP)
PWM OUT
TIN
COSC
CAGC
C1
C2
C3
VR1
D1
C5
C4
R1
R2
R3
R4
IN
−
IN
+
UVLO
VCC
1
2
3
4
5
6
78
AGC
GEN
Comp
9
11
12
13
14
15
16
10
VCC
VREF
P. OUT
BO
BI
OVP
UVP
−
+
−
+
−
+
+
+
VREF
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com