Electronic Components Datasheet Search
  English  ▼

X  

STV2110B Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV2110B
Description  PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2110B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV2110B Datasheet HTML 3Page - STMicroelectronics STV2110B Datasheet HTML 4Page - STMicroelectronics STV2110B Datasheet HTML 5Page - STMicroelectronics STV2110B Datasheet HTML 6Page - STMicroelectronics STV2110B Datasheet HTML 7Page - STMicroelectronics STV2110B Datasheet HTML 8Page - STMicroelectronics STV2110B Datasheet HTML 9Page - STMicroelectronics STV2110B Datasheet HTML 10Page - STMicroelectronics STV2110B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(HVCC =VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
SECAM KILLER CAPACITOR (Pin 23)
VOFF-23
Color off Threshold
5.6
V
VON-23
Color on Threshold
6
V
VINH-23
SECAM Flip-flop Inhibition Level
3.2
V
I23
Control Current
250
µA
Vnom-23
Voltage with Nominal input Signal
7.3
V
DELAYED CHANNEL INPUT (Pin 20)
VDC-20
DC Level
No input Signal
2.2
V
R20
Input Impedance
PAL standard
SECAM standard
8
20
k
Ω
k
Ω
4.25MHz AND 4.40MHz FILTER (Pins 28-31)
VDC-28-31
DC Level
No input signal
2.3
V
R28-31
Input Impedance
20
k
Ω
RED AND BLUE DEEMPHASIS CAPACITORS (Pins 26-29)
VDC-26-29
DC Level
No input signal
6.4
V
R26-29
Input Impedance
6
k
Ω
4.32MHz FILTER (Pin 25)
VDC-25
DC Level
No input signal
3.5
V
R25
Input Impedance
40
k
Ω
FORCING/STANDARD IDENTIFICATION (Pin 21)
Max.Current on PS Output
PAL
SECAM
+5
-5
mA
mA
DC Output Voltage
PAL
SECAM
7.5
1.5
V
V
DC input Voltage
PAL
SECAM
HVCC
0.0
V
V
COMPOSITE VIDEO BASE BAND SIGNAL (Pin 12)
VREF-12
Clamp Voltage
I12 =-1
µA
1.6
1.85
2.1
V
V12
Video Input Signal (sync to white)
1
VPP
I12
Sync Threshold
12
µA
SCANNING XTAL (Pin 11)
F11
Frequency after Divider
15.625
kHz
CR11
Frequency Control Range after Divider
±700
Hz
PLL LOOP FILTER (Pin 10)
Iiow-10
Output Current
Long time constant
0.15
mA
Ihigh-10
Output Current
Short time constant
0.40
mA
DELAYED LINE FLYBACK INPUT (Pin 13)
VTH-13
Threshold
0.6
V
V13
Allowed Voltage Range
- 0.4
HVCC
V
I13
Input Current
V13 < 0.6V
5
µA
STV2110B
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com