Electronic Components Datasheet Search
  English  ▼

X  

STV2110B Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV2110B
Description  PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2110B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV2110B Datasheet HTML 4Page - STMicroelectronics STV2110B Datasheet HTML 5Page - STMicroelectronics STV2110B Datasheet HTML 6Page - STMicroelectronics STV2110B Datasheet HTML 7Page - STMicroelectronics STV2110B Datasheet HTML 8Page - STMicroelectronics STV2110B Datasheet HTML 9Page - STMicroelectronics STV2110B Datasheet HTML 10Page - STMicroelectronics STV2110B Datasheet HTML 11Page - STMicroelectronics STV2110B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(HVCC =VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DIRECT BLANKING INPUT (Pin 2)
VTH-2
Threshold
0.6
V
V2
Allowed Voltage Range
- 0.4
HVCC
V
I2
Input Current
V2 < 0.6V
5
µA
HORIZONTAL OUTPUT (Pin 15)
T15
Output Pulse Width
26
28
29
µs
Vlow-15
Output Voltage (open collector)
I15 = 10mA
1.5
V
V5 start
HVCC Start Threshold
6.8
V
V5 stop
HVCC Stop Threshold
6.2
V
∆t15
ϕ2 Phase Range
12
µs
VERTICAL OUTPUT (Pin 14)
T14
Output Pulse Width
10.5
line
Tsync1
Frame Synchro. Window (search)
248 to 352
line
Vlow-14
Output Voltage (open collector)
1
V
RGB Output Signal
100%
0%
50%
2
345
V16 (V)
Figure 1 :
Contrast Control Curve
RGB Output Signal
100%
0%
50%
2
345
V27 (V)
Figure 2 :
Saturation Control Curve
∆V
23
45
2V
-1V
1V
0V
V36 (V)
Figure 3 :
Difference between Black Level and
Measuring Level at RGB Outputs as
a Function of the Brightness Control
Input
STV2110B
8/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com