Electronic Components Datasheet Search
  English  ▼

X  

STV2110B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV2110B
Description  PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2110B Datasheet(HTML) 4 Page - STMicroelectronics

  STV2110B Datasheet HTML 1Page - STMicroelectronics STV2110B Datasheet HTML 2Page - STMicroelectronics STV2110B Datasheet HTML 3Page - STMicroelectronics STV2110B Datasheet HTML 4Page - STMicroelectronics STV2110B Datasheet HTML 5Page - STMicroelectronics STV2110B Datasheet HTML 6Page - STMicroelectronics STV2110B Datasheet HTML 7Page - STMicroelectronics STV2110B Datasheet HTML 8Page - STMicroelectronics STV2110B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Automatic Standard Identification
The circuit is alternatelyforced in each mode during
two fields (PAL mode, SECAM mode disabled or
SECAM mode, PAL mode disabled).
If PALsignal is identified, the alternate PAL/SECAM
sequency is locked in PAL mode.
To have a SECAM identification, the circuit must
memorizes a first SECAM identification, than test
the PAL mode and confirm a second SECAM iden-
tification. The SECAM identification will take from
four to six fields.
Output Pin 21, named PS, is high level in PAL mode
and low level in SECAM mode.
Forced standard : Pin 21 can be used for the
purpose :
- Pin 21 to HVCC : PAL mode
- Pin 21 to ground : SECAM mode
VIDEO
Input Stage
The luminance input is controlled by the contrast
control stage which range is 20dB.
The luminance and color difference signals are
added in the video matrix circuit to obtain the color
signals.
The color signals are sent to an RGB switch which
will drive to the outputs either internal RGB signals
or external RGB signals.
Automatic Cut-off Control
The black levels of the RGB outputs are controlled
with the cut-off loops during three line periods after
the frame retrace. The cut-off measurements are
sequentially achieved during these three lines. The
leakage current measurement is achieved during
the frame retrace and memorized on an internal
capacitor, thus the circuit is able to extract the
cut-off current from the total current measurement.
Warm-up Detector
At the start-up, the cut-off loops are switch off, a
white level is inserted on the luminance signal until
a cathode current is detected. Then the cut-off
loops are released.
RGB Inputs
To avoid the black level of the inserted signal
differing from the black level of the normal video
signal, the external RGB are clamped to the black
level of the luminance signal. Therefore, an AC
coupling is required for the RGB inputs.
The RGB inputs are controlled by a 12dB range
contrast control stage.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
HVcc
Horizontal Supply Voltage (Pin 5)
12
V
Vcc
Video & Chroma Supply Voltage (Pins 1-41)
HVCC + 0.5
V
HOUT
Horizontal Output (Pin 15)
12
V
Tstg
Storage Temperature
-55, +150
oC
Toper
Operating Temperature
0, +70
oC
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
Max.
60
oC/W
DC AND AC ELECTRICAL CHARACTERISTICS
(HVCC =VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
HVcc
Scanning Supply Voltage (Pin 5)
8.1
9
9.9
V
Vcc
Video & Chroma Supply Voltage (Pins 1-41)
8.1
9
9.9
V
Icch
Scanning Supply Current (pin 5)
No load
25
35
mA
Iccv&c
Video & Chroma Supply Current (Pins 1-41)
No load
45
55
mA
PD
Total Power Dissipation
No load
630
890
mW
FUNCTIONAL DESCRIPTION (continued)
STV2110B
4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com