Electronic Components Datasheet Search
  English  ▼

X  

STV2110B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STV2110B
Description  PAL-SECAM LUMA-CHROMA & DEFLECTION PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV2110B Datasheet(HTML) 5 Page - STMicroelectronics

  STV2110B Datasheet HTML 1Page - STMicroelectronics STV2110B Datasheet HTML 2Page - STMicroelectronics STV2110B Datasheet HTML 3Page - STMicroelectronics STV2110B Datasheet HTML 4Page - STMicroelectronics STV2110B Datasheet HTML 5Page - STMicroelectronics STV2110B Datasheet HTML 6Page - STMicroelectronics STV2110B Datasheet HTML 7Page - STMicroelectronics STV2110B Datasheet HTML 8Page - STMicroelectronics STV2110B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DC AND AC ELECTRICAL CHARACTERISTICS (continued)
(HVCC =VCC =9V, Tamb =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
LUMINANCE INPUT (Pin 9)
VBW9
Input Voltage
350
490
mVPP
VDC9
DC Level
No input signal
2.6
V
Ig
Input Current
• During burst period
• Out of burst period
±150
1
µA
µA
G9
Luma Gain
7.4
BW467
Bandwidth (Y to R, G, B outputs)
-3dB
6
MHz
CONTRAST CONTROL (Pin 16)
V16
Contrast Control Voltage
2 to 4
V
V16 (Max.)
Allowed Control Voltage
5
V
G16
Contrast Control Range
20
dB
I16
Input Current
10
µA
BRIGHTNESS CONTROL (Pin 36)
V36
Brightness Control Voltage
1.8 to 4.3
V
V36 (Max.)
Allowed Control Voltage
5
V
I36
Input Current
10
µA
SATURATION CONTROL INPUT (Pin 27)
V27
Saturation Control Voltage
2 to 4
V
V27 (Max.)
Allowed Control Voltage
5
V
G27
Saturation Control Range
-50
dB
V27M
Mute Level
0.5
V
I27
Input Current
10
µA
RGB OUTPUTS (Pins 4-6-7)
VBW 4-6-7
Output Signal Amplitude
(black to white)
• 0.35V B to W @ Pin 9
• Contrast @ 4V
• Sat. & Brig. @ 3V
2.6
V
I4-6-7
Individual Output Sinking Current
2
mA
VM4-6-7
Maximum Peak White Level
7.8
V
Vblank 4-6-7
Blanking Level
0.5
V
VCO min.
Minimum Level of Inserted Cut-off Lines
2.5
V
VCO max.
Maximum Level of Inserted Cut-off Lines
4.5
V
Relative Variation in Black Level with Various
CONT. SAT. BRIG between the 3 channels
20
mV
∆Vtemp
Black Level Thermal Drift
0.5
mV/
oC
Tracking between Luminance and Chrominance
Signals over 10dB Contrast Control
2dB
RGB INPUTS (Pins 37-39-40)
VBW37-39-40 Input Amplitude (B to W)
0.7
2
V
Vclamp
37-39-40
Clamp Level
Contrast max
1.8
V
I37-39-40
Control Current
±150
µA
Ii37-39-40
Leakage Current
1
µA
BW37-39-40 Bandwidth
-3dB
8
MHz
GCTR
RGB Contrast Control Range
14
dB
G37-39-40
RGB Gain
3.7
STV2110B
5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com