| Electronic Components Datasheet Search |
|
R8C/19 Datasheet(PDF) 128 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/19 Datasheet(HTML) 128 Page - Renesas Technology Corp |
|
128 / 257 page ![]() R8C/18 Group, R8C/19 Group 14. Timers Rev.1.30 Apr 14, 2006 Page 113 of 233 REJ09B0222-0130 14.1.5 Pulse Period Measurement Mode In pulse period measurement mode, the pulse period of an external signal input to the INT1/CNTR0 pin is measured (refer to Table 14.6 Pulse Period Measurement Mode Specifications). Figure 14.9 shows the TXMR Register in Pulse Period Measurement Mode. Figure 14.10 shows an Operating Example in Pulse Period Measurement Mode. NOTE: 1. Input a pulse with a period longer than twice of the prescaler X period. Input a pulse with a longer “H” and “L” width than the prescaler X period. If a pulse with a shorter period is input to the CNTR0 pin, the input may be ignored. Table 14.6 Pulse Period Measurement Mode Specifications Item Specification Count sources f1, f2, f8, fRING Count operations • Decrement • After an active edge of the measured pulse is input, contents for the read-out buffer are retained at the first underflow of prescaler X. Then timer X reloads contents in the reload register at the second underflow of prescaler X and continues counting. Count start condition 1 (count starts) is written to the TXS bit in the TXMR register. Count stop condition 0 (count stops) is written to the TXS bit in the TXMR register. Interrupt request generation timing • When timer X underflows or reloads [timer X interrupt]. • Rising or falling of CNTR0 input (end of measurement period) [INT1 interrupt] INT10/CNTR00, INT11/CNTR01 pin functions Measured pulse input(1) (INT1 interrupt input) CNTR0 pin function Programmable I/O port Read from timer Contents of the read-out buffer can be read out by reading the TX register. The value retained in the read-out buffer is released by reading the TX register. Write to timer • When registers TX and PREX are written while the count is stopped, values are written to both the reload register and counter. • When registers TX and PREX are written during the count, the value is written to each reload register of registers TX and PREX at the following count source input, the data is transferred to the counter at the second count source input, and the count re-starts at the third count source input. Select functions •INT1/CNTR0 polarity switch function The R0EDG bit can select the measurement period for the input pulse. • Measured pulse input pin select function The CNTRSEL bit in the UCON register can select the CNTR00 or CNTR01 pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |