Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 128Page - Renesas Technology Corp R8C/19 Datasheet HTML 129Page - Renesas Technology Corp R8C/19 Datasheet HTML 130Page - Renesas Technology Corp R8C/19 Datasheet HTML 131Page - Renesas Technology Corp R8C/19 Datasheet HTML 132Page - Renesas Technology Corp R8C/19 Datasheet HTML 133Page - Renesas Technology Corp R8C/19 Datasheet HTML 134Page - Renesas Technology Corp R8C/19 Datasheet HTML 135Page - Renesas Technology Corp R8C/19 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 117 of 233
REJ09B0222-0130
14.2
Timer Z
Timer Z is an 8-bit timer with an 8-bit prescaler. The prescaler and timer each consist of a reload register
and counter. The reload register and counter are allocated at the same address. Refer to the Tables
14.7 to 14.10 for the Specifications of Each Mode. Timer Z contains timer Z primary and timer Z
secondary reload registers.
Figure 14.11 shows a Block Diagram of Timer Z. Figures 14.12 to 14.15 show registers TZMR, PREZ,
TZSC, TZPR, TZOC, PUM, and TCSS.
Timer Z has the following four operating modes:
• Timer mode:
The timer counts an internal count source or timer
X underflows.
• Programmable waveform generation mode:
The timer outputs pulses of a given width
successively.
• Programmable one-shot generation mode:
The timer outputs a one-shot pulse.
• Programmable wait one-shot generation mode:
The timer outputs a delayed one-shot pulse.
Figure 14.11
Block Diagram of Timer Z
= 00b
= 01b
= 11b
f8
f1
= 10b
Timer X underflow
TZCK1 to TZCK0
TZS
Counter
Reload register
PREZ register
TZPR register
Data bus
Timer Z interrupt
INT0 interrupt
Write to TZMR register
TZMOD0 to TZMOD1, TZS: Bits in TZMR register
TZOS, TZOCNT: Bits in TZOC register
Toggle
flip-flop
Q
Q
CLR
CK
TZOPL = 1
TZOPL = 0
TZOUT
TZSC register
Reload register
Counter
Reload register
TZOCNT = 0
TZOCNT = 1
P1_3 bit in P1 register
TZOPL, INOSTG: Bits in PUM register
TZCK0 to TZCK1: Bits in TCSS register
INT0EN, INT0PL: Bits in INTEN register
f2
TZMOD1 to TZMOD0 = 10b, 11b
TZOS
Polarity
select
INOSEG
Digital filter
INT0
INT0EN
INT0PL
TZMOD1 to TZMOD0 = 01b, 10b, 11b
TZMOD1 to TZMOD0
= 01b, 10b, 11b
Input polarity selected to
be one edge or both edges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com