Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 152Page - Renesas Technology Corp R8C/19 Datasheet HTML 153Page - Renesas Technology Corp R8C/19 Datasheet HTML 154Page - Renesas Technology Corp R8C/19 Datasheet HTML 155Page - Renesas Technology Corp R8C/19 Datasheet HTML 156Page - Renesas Technology Corp R8C/19 Datasheet HTML 157Page - Renesas Technology Corp R8C/19 Datasheet HTML 158Page - Renesas Technology Corp R8C/19 Datasheet HTML 159Page - Renesas Technology Corp R8C/19 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 141 of 233
REJ09B0222-0130
14.3.1
Input Capture Mode
In input capture mode, the edge of the TCIN pin input signal or the fRING128 clock is used as a
trigger to latch the timer value and generate an interrupt request. The TCIN input contains a digital
filter, and this prevents errors caused by noise or the like from occurring. Table 14.11 shows the Input
Capture Mode Specifications. Figure 14.30 shows an Operating Example in Input Capture Mode.
NOTES:
1. The INT3 interrupt includes a digital filter delay and one count source (max.) delay.
2. Read registers TC and TM0 in 16-bit unit.
Table 14.11
Input Capture Mode Specifications
Item
Specification
Count sources
f1, f8, f32, fRING-fast
Count operations
• Increment
• Transfer the value in the TC register to the TM0 register at the active edge
of the measured pulse.
• The value in the TC register is set to 0000h when the count stops.
Count start condition
The TCC00 bit in the TCC0 register is set to 1 (count starts).
Count stop condition
The TCC00 bit in the TCC0 register is set to 0 (count stops).
Interrupt request
generation timing
• When the active edge of the measured pulse is input [INT3 interrupt].(1)
• When timer C overflows [timer C interrupt].
INT3/TCIN pin function
Programmable I/O port or the measured pulse input (INT3 interrupt input)
P1_0 to P1_2, P3_3 to
P3_5 pin functions
Programmable I/O port
Counter value reset timing
When the TCC00 bit in the TCC0 register is set to 0 (capture disabled).
Read from timer(2)
• The count value can be read out by reading the TC register.
• The count value at the measured pulse active edge input can be read out
by reading the TM0 register.
Write to timer
Write to the TC and TM0 registers is disabled.
Select functions
•INT3/TCIN polarity select function
Bits TCC03 to TCC04 can select the active edge of the measured pulse.
• Digital filter function
Bits TCC11 to TCC10 can select the digital filter sampling frequency.
• Trigger select function
The TCC07 bit can select the TCIN input or the fRING128.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com