Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 158 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 158 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 154Page - Renesas Technology Corp R8C/19 Datasheet HTML 155Page - Renesas Technology Corp R8C/19 Datasheet HTML 156Page - Renesas Technology Corp R8C/19 Datasheet HTML 157Page - Renesas Technology Corp R8C/19 Datasheet HTML 158Page - Renesas Technology Corp R8C/19 Datasheet HTML 159Page - Renesas Technology Corp R8C/19 Datasheet HTML 160Page - Renesas Technology Corp R8C/19 Datasheet HTML 161Page - Renesas Technology Corp R8C/19 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 257 page
background image
R8C/18 Group, R8C/19 Group
14. Timers
Rev.1.30
Apr 14, 2006
Page 143 of 233
REJ09B0222-0130
14.3.2
Output Compare Mode
In output compare mode, an interrupt request is generated when the value of the TC register matches
the value of the TM0 or TM1 register. Table 14.12 shows the Output Compare Mode Specifications.
Figure 14.31 shows an Operating Example in Output Compare Mode.
NOTES:
1. When the corresponding port data is 1, the waveform is output depending on the setting of the
registers TCC1 and TCOUT. When the corresponding port data is 0, the fixed level is output (refer to
Figure 14.25 Block Diagram of CMP Waveform Output Unit).
2. Access registers TC, TM0, and TM1 in 16-bit units.
Table 14.12
Output Compare Mode Specifications
Item
Specification
Count sources
f1, f8, f32, fRING-fast
Count operations
• Increment
• The value in the TC register is set to 0000h when the count stops.
Count start condition
The TCC00 bit in the TCC0 register is set to 1 (count starts).
Counter stop condition
The TCC00 bit in the TCC0 register is set to 0 (count stops).
Waveform output start
condition
Bits TCOUT0 to TCOUT5 in the TCOUT register are set to 1 (enables CMP
output).(2)
Waveform output stop
condition
Bits TCOUT0 to TCOUT5 in the TCOUT register are set to 0 (disables CMP
output).
Interrupt request
generation timing
• When a match occurs in compare circuit 0 [compare 0 interrupt].
• When a match occurs in compare circuit 1 [compare 1 interrupt].
• When time C overflows [timer C interrupt].
INT3/TCIN pin function
Programmable I/O port or INT3 interrupt input
P1_0 to P1_2 pins and
P3_0 to P3_2 pins
functions
Programmable I/O port or CMP output(1)
Counter value reset timing
When the TCC00 bit in the TCC0 register is set to 0 (count stops).
Read from timer(2)
• The value in the compare register can be read out by reading registers
TM0 and TM1.
• The count value can be read out by reading the TC register.
Write to timer(2)
• Write to the TC register is disabled.
• The values written to registers TM0 and TM1 are stored in the compare
register in the following timings:
- When registers TM0 and TM1 are written to, if the TCC00 bit is set to 0
(count stops).
- When the counter overflows, if the TCC00 bit is set to 1 (during counting)
and the TCC12 bit in the TCC1 register is set to 0 (free-run).
- When the compare 1 matches a counter, if the TCC00 bit is set to 1 and
the TCC12 bit is set to 1 (the TC register is set to 0000h at compare 1
match).
Select functions
• Timer C counter reload select function
The TCC12 bit in the TCC1 register can select whether the counter value
in the TC register is set to 0000h when the compare circuit 1 match.
• Bits TCC14 to TCC15 in the TCC1 register can be used to select the
output level when compare circuit 0 matches. Bits TCC16 to TCC17 in the
TCC1 register can be used to select the output level when compare circuit
1 matches.
• Bits TCOUT6 to TCOUT7 in the TCOUT register can select whether the
output is inverted or not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com