Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 161 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 161 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 157Page - Renesas Technology Corp R8C/19 Datasheet HTML 158Page - Renesas Technology Corp R8C/19 Datasheet HTML 159Page - Renesas Technology Corp R8C/19 Datasheet HTML 160Page - Renesas Technology Corp R8C/19 Datasheet HTML 161Page - Renesas Technology Corp R8C/19 Datasheet HTML 162Page - Renesas Technology Corp R8C/19 Datasheet HTML 163Page - Renesas Technology Corp R8C/19 Datasheet HTML 164Page - Renesas Technology Corp R8C/19 Datasheet HTML 165Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 146 of 233
REJ09B0222-0130
15. Serial Interface
The serial interface consists of two channels (UART0 and UART1). Each UARTi (i = 0 or 1) has an exclusive
timer to generate the transfer clock and operates independently.
Figure 15.1 shows a UARTi (i = 0 or 1) Block Diagram. Figure 15.2 shows a UARTi Transmit/Receive Unit.
UART0 has two modes: clock synchronous serial I/O mode and clock asynchronous serial I/O mode (UART
mode).
UART1 has only clock asynchronous serial I/O mode (UART mode).
Figures 15.3 to 15.6 show the Registers Associated with UARTi.
Figure 15.1
UARTi (i = 0 or 1) Block Diagram
= 01b
f8
f1
= 10b
CLK1 to CLK0 = 00b
RXD0
f32
1/16
1/16
1/2
1/(n0+1)
UART reception
UART transmission
Clock synchronous type
(when internal clock is selected)
Clock
synchronous type
Reception control
circuit
Transmission
control circuit
CKDIR = 0
CKDIR = 1
Receive
clock
Transmit
clock
Transmit/
receive
unit
U0BRG register
CKDIR = 0
Internal
External
CKDIR = 1
(UART0)
TXD0
CLK
polarity
reversing
circuit
CLK0
Clock
synchronous type
Clock synchronous type
(when external clock is selected)
Clock synchronous type
(when internal clock is selected)
RXD1
1/16
1/(n1+1)
UART reception
UART transmission
Receive clock
Transmit clock
Transmit/
receive
unit
U1BRG
register
(UART1)
TXD1
= 00b
= 01b
f8
f1
= 10b
CLK1 to CLK0
f32
1/16
Internal
Reception
control circuit
Transmission
control circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com