Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 172 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 172 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 168Page - Renesas Technology Corp R8C/19 Datasheet HTML 169Page - Renesas Technology Corp R8C/19 Datasheet HTML 170Page - Renesas Technology Corp R8C/19 Datasheet HTML 171Page - Renesas Technology Corp R8C/19 Datasheet HTML 172Page - Renesas Technology Corp R8C/19 Datasheet HTML 173Page - Renesas Technology Corp R8C/19 Datasheet HTML 174Page - Renesas Technology Corp R8C/19 Datasheet HTML 175Page - Renesas Technology Corp R8C/19 Datasheet HTML 176Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 157 of 233
REJ09B0222-0130
15.2
Clock Asynchronous Serial I/O (UART) Mode
The UART mode allows data transmission and reception after setting the desired bit rate and transfer
data format. Table 15.4 lists the UART Mode Specifications. Table 15.5 lists the Registers Used and
Settings for UART Mode.
i = 0 to 1
NOTE:
1. If an overrun error occurs, the contents of the UiRB register will be undefined. The IR bit in the SiRIC
register remains unchanged.
Table 15.4
UART Mode Specifications
Item
Specification
Transfer data format
• Character bit (transfer data): Selectable among 7, 8, or 9 bits
• Start bit: 1 bit
• Parity bit: Selectable among odd, even, or none
• Stop bit: Selectable among 1 or 2 bits
Transfer clocks
• CKDIR bit in UiMR register is set to 0 (internal clock): fj/(16(n+1))
fj = f1, f8, f32 n = value set in UiBRG register: 00h to FFh
• CKDIR bit is set to 1 (external clock): fEXT/(16(n+1))
fEXT: input from CLKi pin n = value set in UiBRG register: 00h to FFh
Transmit start conditions
• Before transmission starts, the following are required.
- TE bit in UiC1 register is set to 1 (transmission enabled).
- TI bit in UiC1 register is set to 0 (data in UiTB register).
Receive start conditions
• Before reception starts, the following are required.
- RE bit in UiC1 register is set to 1 (reception enabled).
- Start bit deleted
Interrupt request
generation timing
• When transmitting, one of the following conditions can be selected.
- UiIRS bit is set to 0 (transmit buffer empty):
When transferring data from the UiTB register to UARTi transmit register
(when transmit starts).
- UiIRS bit is set to 1 (transfer ends):
When serial interface completes transmitting data from the UARTi
transmit register.
• When receiving
When transferring data from the UARTi receive register to UiRB register
(when receive ends).
Error detection
• Overrun error(1)
This error occurs if the serial interface starts receiving the next data item
before reading the UiRB register and receives the bit preceding the final
stop bit of the next data item.
• Framing error
This error occurs when the set number of stop bits is not detected.
• Parity error
This error occurs when parity is enabled, and the number of 1’s in parity
and character bits do not match the number of 1’s set.
• Error sum flag
This flag is set is set to 1 when an overrun, framing, or parity error is
generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com