Electronic Components Datasheet Search
  English  ▼

X  

R8C/19 Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # R8C/19
Description  16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/1x SERIES
PDF  257 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/19 Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button R8C/19 Datasheet HTML 169Page - Renesas Technology Corp R8C/19 Datasheet HTML 170Page - Renesas Technology Corp R8C/19 Datasheet HTML 171Page - Renesas Technology Corp R8C/19 Datasheet HTML 172Page - Renesas Technology Corp R8C/19 Datasheet HTML 173Page - Renesas Technology Corp R8C/19 Datasheet HTML 174Page - Renesas Technology Corp R8C/19 Datasheet HTML 175Page - Renesas Technology Corp R8C/19 Datasheet HTML 176Page - Renesas Technology Corp R8C/19 Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 257 page
background image
R8C/18 Group, R8C/19 Group
15. Serial Interface
Rev.1.30
Apr 14, 2006
Page 158 of 233
REJ09B0222-0130
NOTES:
1. The bits used for transmit/receive data are as follows: Bits 0 to 6 when transfer data is 7 bits long;
bits 0 to 7 when transfer data is 8 bits long; bits 0 to 8 when transfer data is 9 bits long.
2. An external clock can be selected in UART0 only.
Table 15.6 lists the I/O Pin Functions in Clock Asynchronous Serial I/O Mode. The TXDi pin outputs “H”
level between the operating mode selection of UARTi (i = 0 or 1) and transfer start. (If the NCH bit is set
to 1 (N-channel open-drain output), this pin is in a high-impedance state.)
Table 15.5
Registers Used and Settings for UART Mode
Register
Bit
Function
UiTB
0 to 8
Set transmit data(1).
UiRB
0 to 8
Receive data can be read(1).
OER,FER,PER,SUM
Error flag
UiBRG
0 to 7
Set a bit rate.
UiMR
SMD2 to SMD0
Set to 100b when transfer data is 7 bits long.
Set to 101b when transfer data is 8 bits long.
Set to 110b when transfer data is 9 bits long.
CKDIR
Select the internal clock or external clock.(2)
STPS
Select the stop bit.
PRY, PRYE
Select whether parity is included and whether odd or even.
UiC0
CLK0, CLK1
Select the count source for the UiBRG register.
TXEPT
Transmit register empty flag
NCH
Select TXDi pin output mode.
CKPOL
Set to 0.
UFORM
LSB first or MSB first can be selected when transfer data is 8 bits
long. Set to 0 when transfer data is 7 or 9 bits long.
UiC1
TE
Set to 1 to enable transmit.
TI
Transmit buffer empty flag
RE
Set to 1 to enable receive.
RI
Receive complete flag
UCON
U0IRS, U1IRS
Select the source of UART0 transmit interrupt.
U0RRM
Set to 0.
CNTRSEL
Set to 1 to select P1_5/RXD0/CNTR01/INT11.
Table 15.6
I/O Pin Functions in Clock Asynchronous Serial I/O Mode
Pin Name
Function
Selection Method
TXD0 (P1_4)
Output serial data
(Cannot be used as a port when performing reception only.)
RXD0 (P1_5)
Input serial data
PD1_5 bit in PD1 register = 0
(P1_5 can be used as an input port when performing
transmission only.)
CLK0 (P1_6)
Programmable I/O port CKDIR bit in U0MR register = 0
Input transfer clock
CKDIR bit in U0MR register = 1
PD1_6 bit in PD1 register = 0
TXD1 (P3_7)
Output serial data
Bits U1SEL1 to U1SEL0 in UCON register = 11b (P3_7 can be
used as a port when bits U1SEL1 to U1SEL0 = 01b and
performing reception only.)
RXD1 (P4_5)
Input serial data
PD4_5 bit in PD4 register = 0
Bits U1SEL1 to U1SEL0 in UCON register = 01b or 11b
(Cannot be used as a port when performing transmission only.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com