| Electronic Components Datasheet Search |
|
R8C/19 Datasheet(PDF) 197 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/19 Datasheet(HTML) 197 Page - Renesas Technology Corp |
|
197 / 257 page ![]() R8C/18 Group, R8C/19 Group 17. Flash Memory Version Rev.1.30 Apr 14, 2006 Page 182 of 233 REJ09B0222-0130 Figure 17.5 FMR0 Register Flash Memory Control Register 0 Symbol Address After Reset FMR0 01B7h 00000001b Bit Symbol Bit Name Function RW RY/BY ___ status flag NOTES: 1. 2. 3. 4. 5. 6. FMR07 b3 b2 b1 b0 — (b5-b4) FMR00 FMSTP FMR02 0 : Disables rew rite. 1 : Enables rew rite. Flash memory stop bit(3, 5) 0 : Enables flash memory operation. 1 : Stops flash memory (enters low -pow er consumption state and flash memory is reset). FMR01 Block 0, 1 rew rite enable bit(2, 6) 0 : Busy (w riting or erasing in progress) 1 : Ready CPU rew rite mode select bit(1) b7 b6 b5 b4 RO 00 Reserved bits Set to 0. RW 0 : Completed successfully 1 : Terminated by error RW RO RO RW RW 0 : CPU rew rite mode disabled 1 : CPU rew rite mode enabled When setting the FMR01 bit to 0 (CPU rew rite mode disabled), the FMR02 bit is set to 0 (disables rew rite). This bit is set to 0 by executing the clear status command. This bit is enabled w hen the FMR01 bit is set to 1 (CPU rew rite mode). When the FMR01 bit is set to 0, w riting 1 to the FMSTP bit causes the FMSTP bit to be set to 1. The flash memory does not enter low -pow er consumption state nor is it reset. FMR06 To set this bit to 1, set it to 1 immediately after setting it first to 0. Do not generate an interrupt betw een setting the bit to 0 and setting it to 1. Enter read array mode and set this bit to 0. Set this bit to 1 immediately after setting it first to 0 w hile the FMR01 bit is set to 1. Do not generate an interrupt betw een setting the bit to 0 and setting it to 1. Set this bit by a program located in a space other than the flash memory. Program status flag(4) 0 : Completed successfully 1 : Terminated by error Erase status flag(4) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |