| Electronic Components Datasheet Search |
|
R8C/19 Datasheet(PDF) 199 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C/19 Datasheet(HTML) 199 Page - Renesas Technology Corp |
|
199 / 257 page ![]() R8C/18 Group, R8C/19 Group 17. Flash Memory Version Rev.1.30 Apr 14, 2006 Page 184 of 233 REJ09B0222-0130 Figure 17.7 FMR4 Register Flash Memory Control Register 4 Symbol Address After Reset FMR4 01B3h 01000000b Bit Symbol Bit Name Function RW NOTES: 1. 2. 3. 4. To set this bit to 1, set it to 1 immediately after setting it first to 0. Do not generate an interrupt betw een setting the bit to 0 and setting it to 1. This bit is enabled w hen the FMR40 bit is set to 1 (enable) and it can be w ritten to during the period betw een issuing an erase command and completing the erase. (This bit is set to 0 during the periods other than the above.) In EW0 mode, it can be set to 0 and 1 by a program. In EW1 mode, it is automatically set to 1 if a maskable interrupt is generated during an erase operation w hile the FMR40 bit is set to 1. Do not set this bit to 1 by a program (0 can be w ritten). b3 b2 Set to 0. b1 b0 FMR41 — (b5) 0 FMR40 FMR42 FMR44 b7 b6 b5 b4 RW RW Erase-suspend function enable bit(1) 0 : Disables reading. 1 : Enables reading. Reserved bit 0 : Disable 1 : Enable Erase-suspend request bit(2) 0 : Erase restart 1 : Erase-suspend request RO RO FMR46 Program-suspend request bit(3) 0 : Program restart 1 : Program-suspend request RW FMR43 Erase command flag 0 : Erase not executed 1 : Erase execution in progress RO Use this mode only in low -speed on-chip oscillator mode. Program command flag 0 : Program not executed 1 : Program execution in progress RO The FMR42 bit is enabled only w hen the FMR40 bit is set to 1 (enable) and programming to the FMR42 bit is enabled until auto-programming ends after a program command is generated. (This bit is set to 0 during periods other than the above.) In EW0 mode, 0 or 1 can be programmed to the FMR42 bit by a program. In EW1 mode, the FMR42 bit is automatically set to 1 by generating a maskable interrupt during auto-programming w hen the FMR40 bit is set to 1. 1 cannot be w ritten to the FMR42 bit by a program. FMR47 Read status flag RW Low -pow er consumption read mode enable bit(1, 4) 0 : Disable 1 : Enable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |