Electronic Components Datasheet Search
  English  ▼

X  

BIC702M Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # BIC702M
Description  Bias Controlled Monolithic IC VHF/UHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BIC702M Datasheet(HTML) 5 Page - Renesas Technology Corp

  BIC702M Datasheet HTML 1Page - Renesas Technology Corp BIC702M Datasheet HTML 2Page - Renesas Technology Corp BIC702M Datasheet HTML 3Page - Renesas Technology Corp BIC702M Datasheet HTML 4Page - Renesas Technology Corp BIC702M Datasheet HTML 5Page - Renesas Technology Corp BIC702M Datasheet HTML 6Page - Renesas Technology Corp BIC702M Datasheet HTML 7Page - Renesas Technology Corp BIC702M Datasheet HTML 8Page - Renesas Technology Corp BIC702M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BIC702M
3
Test Circuits
• DC Biasing Circuit for Operating Characteristic Items (I
D(op), |yfs|, Ciss, Coss, Crss, NF, PG)
Gate 1
Source
Drain
Gate 2
A
I D
VG2
VG1
Open
• 200 MHz Power Gain, Noise Figure Test Circuit
VG2
Input(50
Ω)
1000p
36p
1000p
L1
V D
BICMIC
RFC
Output(50
Ω)
L2
1000p
10p max
1000p
1000p
47k
1SV70
1000p
1000p
1000p
47k
47k
V T
V T
Unit : Resistance
(
Ω)
Capacitance (F)
1SV70
L1 :
φ1mm Enameled Copper Wire,Inside dia 10mm, 2Turns
L2 :
φ1mm Enameled Copper Wire,Inside dia 10mm, 2Turns
RFC :
φ1mm Enameled Copper Wire,Inside dia 5mm, 2Turns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com