Electronic Components Datasheet Search
  English  ▼

X  

BIC702M Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # BIC702M
Description  Bias Controlled Monolithic IC VHF/UHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BIC702M Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button BIC702M Datasheet HTML 5Page - Renesas Technology Corp BIC702M Datasheet HTML 6Page - Renesas Technology Corp BIC702M Datasheet HTML 7Page - Renesas Technology Corp BIC702M Datasheet HTML 8Page - Renesas Technology Corp BIC702M Datasheet HTML 9Page - Renesas Technology Corp BIC702M Datasheet HTML 10Page - Renesas Technology Corp BIC702M Datasheet HTML 11Page - Renesas Technology Corp BIC702M Datasheet HTML 12Page - Renesas Technology Corp BIC702M Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BIC702M
9
Sparameter (V
DS = 5 V, VG2S = 4 V, VG1 = open, Zo = 50 Ω)
S11
S21
S12
S22
f (MHz) MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
50
0.998
-3.3
2.80
175.9
0.00106
58.8
0.990
-2.4
100
0.993
-7.2
2.78
170.9
0.00171
75.7
0.992
-4.7
150
0.991
-10.9
2.77
166.1
0.00253
75.1
0.991
-7.2
200
0.984
-15.0
2.74
161.2
0.00356
77.4
0.987
-9.6
250
0.978
-19.0
2.72
156.5
0.00442
78.2
0.985
-12.2
300
0.970
-22.8
2.68
151.8
0.00485
80.0
0.982
-14.7
350
0.958
-26.7
2.64
147.2
0.00576
74.7
0.978
-17.1
400
0.954
-30.3
2.60
142.7
0.00642
71.7
0.973
-19.6
450
0.945
-33.8
2.56
138.6
0.00689
73.3
0.968
-22.0
500
0.932
-37.5
2.50
134.1
0.00712
71.8
0.963
-24.2
550
0.920
-40.6
2.46
129.8
0.00765
70.7
0.958
-26.7
600
0.910
-44.3
2.41
125.7
0.00804
69.9
0.952
-28.9
650
0.900
-47.5
2.37
121.6
0.00798
69.1
0.947
-31.3
700
0.887
-50.9
2.31
117.8
0.00787
67.8
0.942
-33.4
750
0.870
-54.4
2.27
113.6
0.00785
70.8
0.936
-35.8
800
0.863
-57.6
2.22
110.0
0.00758
73.3
0.929
-37.9
850
0.853
-60.9
2.18
105.8
0.00721
75.2
0.924
-40.3
900
0.839
-63.6
2.12
102.2
0.00694
75.8
0.917
-42.5
950
0.827
-66.5
2.07
98.6
0.00716
88.1
0.912
-44.5
1000
0.819
-70.1
2.04
94.9
0.00667
92.7
0.906
-46.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com