Electronic Components Datasheet Search
  English  ▼

X  

BIC702M Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # BIC702M
Description  Bias Controlled Monolithic IC VHF/UHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BIC702M Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button BIC702M Datasheet HTML 5Page - Renesas Technology Corp BIC702M Datasheet HTML 6Page - Renesas Technology Corp BIC702M Datasheet HTML 7Page - Renesas Technology Corp BIC702M Datasheet HTML 8Page - Renesas Technology Corp BIC702M Datasheet HTML 9Page - Renesas Technology Corp BIC702M Datasheet HTML 10Page - Renesas Technology Corp BIC702M Datasheet HTML 11Page - Renesas Technology Corp BIC702M Datasheet HTML 12Page - Renesas Technology Corp BIC702M Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BIC702M
8
10
5
4
3
2
1.5
1
.8
- 2
- 3
- 4
- 5
-10
.6
.4
.2
0
- .2
- .4
- .6
- .8
- 1
- 1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 1 / div.
0
°
30
°
60
°
90
°
120
°
150
°
180
°
- 150
°
- 90
°
- 60
°
- 30
°
- 120
°
Scale: 0.004/ div.
0
°
30
°
60
°
90
°
120
150
°
180
°
- 150
°
- 90
°
- 60
°
- 30
°
- 120
°
10
5
4
3
2
1.5
1
.8
- 2
- 3
- 4
- 5
-10
.6
.4
.2
0
- .2
- .4
- .6
- .8
- 1
- 1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Test Condition:
50 to 1000 MHz (50 MHz step)
Test Condition:
50 to 1000 MHz (50 MHz step)
Test Condition:
50 to 1000 MHz (50 MHz step)
Test Condition:
50 to 1000 MHz (50 MHz step)
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
DS
G1
V
= 5 V , V
= open
V
= 4 V ,
Zo = 50
G2S
Ω
DS
G1
V
= 5 V , V
= open
V
= 4 V ,
Zo = 50
G2S
Ω
DS
G1
V
= 5 V , V
= open
V
= 4 V ,
Zo = 50
G2S
Ω
DS
G1
V
= 5 V , V
= open
V
= 4 V ,
Zo = 50
G2S
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com