Electronic Components Datasheet Search
  English  ▼

X  

BIC702M Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # BIC702M
Description  Bias Controlled Monolithic IC VHF/UHF RF Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BIC702M Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button BIC702M Datasheet HTML 5Page - Renesas Technology Corp BIC702M Datasheet HTML 6Page - Renesas Technology Corp BIC702M Datasheet HTML 7Page - Renesas Technology Corp BIC702M Datasheet HTML 8Page - Renesas Technology Corp BIC702M Datasheet HTML 9Page - Renesas Technology Corp BIC702M Datasheet HTML 10Page - Renesas Technology Corp BIC702M Datasheet HTML 11Page - Renesas Technology Corp BIC702M Datasheet HTML 12Page - Renesas Technology Corp BIC702M Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
BIC702M
10
Package Dimensions
0.16
0 – 0.1
+ 0.1
– 0.06
0.95
0.85
1.8
± 0.2
0.95
0.95
1.9
± 0.2
2.95
± 0.2
0.4
+ 0.1
– 0.05
0.6
+ 0.1
– 0.05
0.4
+ 0.1
– 0.05
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
MPAK-4
—
Conforms
0.013 g
0.4
+ 0.1
– 0.05
As of January, 2001
Unit: mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com