Electronic Components Datasheet Search
  English  ▼

X  

R8C2E Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R8C2E
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2E Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R8C2E Datasheet HTML 41Page - Renesas Technology Corp R8C2E Datasheet HTML 42Page - Renesas Technology Corp R8C2E Datasheet HTML 43Page - Renesas Technology Corp R8C2E Datasheet HTML 44Page - Renesas Technology Corp R8C2E Datasheet HTML 45Page - Renesas Technology Corp R8C2E Datasheet HTML 46Page - Renesas Technology Corp R8C2E Datasheet HTML 47Page - Renesas Technology Corp R8C2E Datasheet HTML 48Page - Renesas Technology Corp R8C2E Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 354 page
background image
R8C/2E Group, R8C/2F Group
5. Resets
Rev.1.00
Dec 14, 2007
Page 29 of 332
REJ09B0349-0100
5.2
Power-On Reset Function
When the RESET pin is connected to the VCC pin via a pull-up resistor, and the VCC pin voltage level rises while
the rise gradient is trth or more, the power-on reset function is enabled and the MCU resets its pins, CPU, and SFR.
When a capacitor is connected to the RESET pin, too, always keep the voltage to the RESET pin 0.8VCC or more.
When the input voltage to the VCC pin reaches the maximum 2.6 V or above, the low-speed on-chip oscillator
clock starts counting. When the low-speed on-chip oscillator clock count reaches 32, the internal reset signal is held
“H” and the MCU enters the reset sequence (refer to Figure 5.3). The low-speed on-chip oscillator clock divided by
8 is automatically selected as the CPU clock after reset.
Refer to 4. Special Function Registers (SFRs) for the states of the SFR after power-on reset.
Figure 5.7 shows an Example of Power-On Reset Circuit and Operation.
Figure 5.7
Example of Power-On Reset Circuit and Operation
RESET
VCC
4.7 k
Ω
(reference)
NOTES:
1. Ensure that the voltage is 2.2 V or above during the sampling time.
2. The sampling time is fOCO-S divided by 1
× 4 cycles.
3. Refer to 21. Electrical Characteristics.
max. 2.6 V
Vpor1
Internal
reset signal
(“L” valid)
tw(por1)
Sampling time(1, 2)
max. 2.6 V
1
fOCO-S
× 32
1
fOCO-S
× 32
Vpor2
2.2 V
External
Power VCC
trth
trth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com