Electronic Components Datasheet Search
  English  ▼

X  

R8C2E Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # R8C2E
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2E Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button R8C2E Datasheet HTML 79Page - Renesas Technology Corp R8C2E Datasheet HTML 80Page - Renesas Technology Corp R8C2E Datasheet HTML 81Page - Renesas Technology Corp R8C2E Datasheet HTML 82Page - Renesas Technology Corp R8C2E Datasheet HTML 83Page - Renesas Technology Corp R8C2E Datasheet HTML 84Page - Renesas Technology Corp R8C2E Datasheet HTML 85Page - Renesas Technology Corp R8C2E Datasheet HTML 86Page - Renesas Technology Corp R8C2E Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 354 page
background image
R8C/2E Group, R8C/2F Group
10. Clock Generation Circuit
Rev.1.00
Dec 14, 2007
Page 67 of 332
REJ09B0349-0100
Figure 10.2
CM0 Register
System Clock Control Register 0
(1)
Symbol
Address
After Reset
CM0
0006h
01101000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
b7 b6 b5 b4 b3 b2 b1 b0
00 1
0 0
—
(b1-b0)
Reserved bits
Set to 0.
RW
CM02
WAIT peripheral function clock
stop bit
0 : Peripheral function clock does not stop
in w ait mode
1 : Peripheral function clock stops in w ait
mode
RW
—
(b3)
Reserved bit
Set to 1.
RW
—
(b4)
Reserved bit
Set to 0.
RW
CM05
XIN clock (XIN-XOUT)
stop bit(2, 3)
0 : XIN clock oscillates
1 : XIN clock stops(4)
RW
CM06
System clock division select bit
0(5)
0 : CM16, CM17 enabled
1 : Divide-by-8 mode
RW
—
(b7)
Reserved bit
Set to 0.
RW
Set the PRC0 bit in the PRCR register to 1 (w rite enable) before rew riting the CM0 register.
During external clock input, only the clock oscillation buffer is turned off and clock input is acknow ledged.
When entering stop mode, the CM06 bit is set to 1 (divide-by-8 mode).
P4_6 and P4_7 can be used as input ports w hen the CM05 bit is set to 1 (XIN clock stops) and the CM13 bit in the
CM1 register is set to 0 (P4_6, P4_7).
The CM05 bit stops the XIN clock w hen the high-speed on-chip oscillator mode or low -speed on-chip oscillator mode
is selected. Do not use this bit to detect w hether the XIN clock is stopped. To stop the XIN clock, set the bits in the
follow ing order:
(a) Set bits OCD1 to OCD0 in the OCD register to 00b.
(b) Set the OCD2 bit to 1 (selects on-chip oscillator clock).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com