Electronic Components Datasheet Search
  English  ▼

X  

R8C2E Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C2E
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2E Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C2E Datasheet HTML 71Page - Renesas Technology Corp R8C2E Datasheet HTML 72Page - Renesas Technology Corp R8C2E Datasheet HTML 73Page - Renesas Technology Corp R8C2E Datasheet HTML 74Page - Renesas Technology Corp R8C2E Datasheet HTML 75Page - Renesas Technology Corp R8C2E Datasheet HTML 76Page - Renesas Technology Corp R8C2E Datasheet HTML 77Page - Renesas Technology Corp R8C2E Datasheet HTML 78Page - Renesas Technology Corp R8C2E Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 354 page
background image
R8C/2E Group, R8C/2F Group
7. Programmable I/O Ports
Rev.1.00
Dec 14, 2007
Page 59 of 332
REJ09B0349-0100
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU07 bit in the PUR0 register to 1.
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU07 bit in the PUR0 register to 1.
2.
Set the INT1SEL bit in the PMR register to 1 (P3_6).
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU07 bit in the PUR0 register to 1.
Table 7.28
Port P3_5/(TRCIOD)
Register
PD3
Timer RC setting
Function
Bit
PD3_5
−
Setting
value
0
Other than TRCIOD usage conditions
Input port(1)
1
Other than TRCIOD usage conditions
Output port
X
Refer to Table 7.29 TRCIOD Pin Setting
TRCIOD output
0
Refer to Table 7.29 TRCIOD Pin Setting
TRCIOD input(1)
Table 7.29
TRCIOD Pin Setting
Register
PINSR3
TRCOER
TRCMR
TRCIOR1
Function
Bit
TRCIODSEL
EC
PWM2
PWMD
IOD2
IOD1
IOD0
Setting
value
1
0
1
1
X
X
X
PWM mode waveform output
1
01
0
001
Timer waveform output (output
compare function)
10
1
X
10
1
0
1
X
X
Timer mode (input capture function)
11
Other than above
Other than TRCIOD usage conditions
Table 7.30
Port P3_6/(INT1)
Register
PD3
INTEN
Function
Bit
PD3_6
INT1EN
Setting
value
00
Input port(1)
1
0
Output port
01
INT1 input(1, 2)
Table 7.31
Port P3_7/TRAO
Register
PD3
TRAMR
Function
Bit
PD3_7
TOENA
Setting
value
00
Input port(1)
1
0
Output port
X
1
TRAO output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com