Electronic Components Datasheet Search
  English  ▼

X  

R8C2E Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # R8C2E
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  354 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2E Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button R8C2E Datasheet HTML 69Page - Renesas Technology Corp R8C2E Datasheet HTML 70Page - Renesas Technology Corp R8C2E Datasheet HTML 71Page - Renesas Technology Corp R8C2E Datasheet HTML 72Page - Renesas Technology Corp R8C2E Datasheet HTML 73Page - Renesas Technology Corp R8C2E Datasheet HTML 74Page - Renesas Technology Corp R8C2E Datasheet HTML 75Page - Renesas Technology Corp R8C2E Datasheet HTML 76Page - Renesas Technology Corp R8C2E Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 354 page
background image
R8C/2E Group, R8C/2F Group
7. Programmable I/O Ports
Rev.1.00
Dec 14, 2007
Page 57 of 332
REJ09B0349-0100
X: 0 or 1
NOTES:
1.
Pulled up by setting the PU03 bit in the PUR0 register to 1.
2.
Set the INT1SEL bit in the PMR register to 0 (P1_5, P1_7).
3.
Set the TOPCR bit in the TRAIOC register to 0 in modes except for pulse output mode.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU06 bit in the PUR0 register to 1.
NOTE:
1.
Set the TOCNT bit in the TRBIOC register to 0 in modes except for programmable waveform generation mode.
Table 7.22
Port P1_7/TRAIO/INT1
Register
PD1
TRAIOC
TRAMR
INTEN
Function
Bit
PD1_7
TIOSEL
TOPCR(3)
TMOD2
TMOD1
TMOD0
INT1EN
Setting
value
0
1
X
XX
XX
Input port(1)
010
0
1
0
000
0
0
0
1
1
X
XX
XX
Output port
000
0
0
X
0
0
0
Other than 000b, 001b
0
TRAIO input(1)
000
0
0
1
INT1(2)
010
0
1
1
0
0
Other than 000b, 001b
1
TRAIO input/INT1(1, 2)
X
0
0
0
0
1
X
TRAIO pulse output
Table 7.23
Port P3_1/TRBO
Register
PD3
Timer RB Setting
Function
Bit
PD3_1
−
Setting
value
0
Other than TRBO usage conditions
Input port(1)
1
Other than TRBO usage conditions
Output port
X
Refer to Table 7.24 TRBO Pin Setting
TRBO output
Table 7.24
TRBO Pin Setting
Register
PINSR2
TRBIOC
TRBMR
Function
Bit
TRBOSEL
TOCNT(1)
TMOD1
TMOD0
Setting
value
0
0
0
1
Programmable waveform generation mode
0
0
1
0
Programmable one-shot generation mode
0
0
1
1
Programmable wait one-shot generation mode
011
0
P3_1 output port
Other than above
Other than TRBO usage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com