Electronic Components Datasheet Search
  English  ▼

X  

HD64F36078G Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD64F36078G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36078G Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD64F36078G Datasheet HTML 41Page - Renesas Technology Corp HD64F36078G Datasheet HTML 42Page - Renesas Technology Corp HD64F36078G Datasheet HTML 43Page - Renesas Technology Corp HD64F36078G Datasheet HTML 44Page - Renesas Technology Corp HD64F36078G Datasheet HTML 45Page - Renesas Technology Corp HD64F36078G Datasheet HTML 46Page - Renesas Technology Corp HD64F36078G Datasheet HTML 47Page - Renesas Technology Corp HD64F36078G Datasheet HTML 48Page - Renesas Technology Corp HD64F36078G Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 564 page
background image
Section 2 CPU
Rev. 3.00 Sep. 10, 2007 Page 13 of 528
REJ09B0216-0300
2.2.1
General Registers
The H8/300H CPU has eight 32-bit general registers. These general registers are all functionally
identical and can be used as both address registers and data registers. The general registers are
available for use as 32-, 16-, and 8-bit data registers. Figure 2.3 illustrates the usage of the general
registers. When the general registers are used as 32-bit registers or address registers, they are
designated by the letters ER (ER0 to ER7).
The ER registers are divided into 16-bit general registers designated by the letters E (E0 to E7)
and R (R0 to R7). These registers are functionally equivalent, providing a maximum of sixteen 16-
bit registers. The E registers (E0 to E7) are also referred to as extended registers.
The R registers are divided into 8-bit registers designated by the letters RH (R0H to R7H) and RL
(R0L to R7L). These registers are functionally equivalent, providing a maximum of sixteen 8-bit
registers.
The usage of each register can be selected independently.
• Address registers
• 32-bit registers
• 16-bit registers
• 8-bit registers
ER registers
(ER0 to ER7)
E registers (extended registers)
(E0 to E7)
R registers
(R0 to R7)
RH registers
(R0H to R7H)
RL registers
(R0L to R7L)
Figure 2.3 Usage of General Registers
General register ER7 has the function of stack pointer (SP) in addition to its general-register
function, and is used implicitly in exception handling and subroutine calls. Figure 2.4 shows the
relationship between the stack pointer and the stack area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com