Electronic Components Datasheet Search
  English  ▼

X  

HD64F36078G Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # HD64F36078G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36078G Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button HD64F36078G Datasheet HTML 75Page - Renesas Technology Corp HD64F36078G Datasheet HTML 76Page - Renesas Technology Corp HD64F36078G Datasheet HTML 77Page - Renesas Technology Corp HD64F36078G Datasheet HTML 78Page - Renesas Technology Corp HD64F36078G Datasheet HTML 79Page - Renesas Technology Corp HD64F36078G Datasheet HTML 80Page - Renesas Technology Corp HD64F36078G Datasheet HTML 81Page - Renesas Technology Corp HD64F36078G Datasheet HTML 82Page - Renesas Technology Corp HD64F36078G Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 564 page
background image
Section 3 Exception Handling
Rev. 3.00 Sep. 10, 2007 Page 47 of 528
REJ09B0216-0300
Relative Module
Exception Sources
Vector
Number
Normal Mode
Advanced Mode
Priority
Reserved for system use 20
H'0028 to H'0029
H'000050 to H'000057
High
Timer V
Timer V compare match
A
Timer V compare match
B
Timer V overflow
22
H'002C to H'002D H'000058 to H'00005B
SCI3
SCI3 receive data full
SCI3 transmit data empty
SCI3 transmit end
SCI3 receive error
23
H'002E to H'002F H'00005C to H'00005F
IIC2
Transmit data empty
Transmit end
Receive data full
Arbitration lost/Overrun
error
NACK detection
Stop conditions detected
24
H'0030 to H'0031
H'000060 to H'000063
A/D converter
A/D conversion end
25
H'0032 to H'0033
H'000064 to H'000067
Timer Z
Compare match/input
capture A0 to D0
Timer Z overflow
26
H'0034 to H'0035
H'000068 to H'00006B
Compare match/input
capture A1 to D1
Timer Z overflow
Timer Z underflow
27
H'0036 to H'0037
H'00006C to H'00006F
Reserved for system use 28
H'0038 to H'0039
H'000070 to H'000073
Timer B1
Timer B1 overflow
29
H'003A to H'003B H'000074 to H'000077
Reserved for system use 30, 31
H'003C to H'003F H'000078 to H'00007F
SCI3_2
Receive data full
Transmit data empty
Transmit end
Receive error
32
H'0040 to H'0041
H'000080 to H'000083
Reserved for system use 33
H'0042 to H'0043
H'000084 to H'000087
Clock source
switching
Clock source switching
(from external clock to
on-chip oscillator)
34
H'0044 to H'0045
H'000088 to H'00008B
Low
Note:
*
A low-voltage detection interrupt is enabled only in the product with an on-chip power-
on reset and low-voltage detection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com