Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 36Page - Renesas Technology Corp SH7261 Datasheet HTML 37Page - Renesas Technology Corp SH7261 Datasheet HTML 38Page - Renesas Technology Corp SH7261 Datasheet HTML 39Page - Renesas Technology Corp SH7261 Datasheet HTML 40Page - Renesas Technology Corp SH7261 Datasheet HTML 41Page - Renesas Technology Corp SH7261 Datasheet HTML 42Page - Renesas Technology Corp SH7261 Datasheet HTML 43Page - Renesas Technology Corp SH7261 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1348 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 8 of 1312
REJ09B0320-0200
Item
Features
IEBus
TM
Controller (IEB)
[R5S72612]
[R5S72613]
• IEBus protocol control (layer 2) supported
 Half-duplex asynchronous communications
 Multi-master system
 Broadcast communications function
 Selectable mode (three types) with different transfer speeds
• On-chip buffers for data transmission and reception that enables up to
128 bytes of consecutive transmit/reception (maximum number of
transfer bytes in mode 2)
• Operating frequency
 6 MHz, 6.29 MHz
(IEB uses clocks of P
φ or AUDIO_X1/AUDIO_X2.)
 12 MHz, 12.58 MHz
(IEB uses 1/2 divided clocks of P
φ or AUDIO_X1/AUDIO_X2.)
 18 MHz, 18.87 MHz
(IEB uses 1/3 divided clocks of P
φ or AUDIO_X1/AUDIO_X2.)
 24 MHz, 25.16 MHz
(IEB uses 1/4 divided clocks of P
φ or AUDIO_X1/AUDIO_X2.)
 30 MHz, 31.45 MHz
(IEB uses 1/5 divided clocks of P
φ or AUDIO_X1/AUDIO_X2.)
 36 MHz, 37.74 MHz
(IEB uses 1/6 divided clocks of P
φ or AUDIO_X1/AUDIO_X2.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com