Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 46Page - Renesas Technology Corp SH7261 Datasheet HTML 47Page - Renesas Technology Corp SH7261 Datasheet HTML 48Page - Renesas Technology Corp SH7261 Datasheet HTML 49Page - Renesas Technology Corp SH7261 Datasheet HTML 50Page - Renesas Technology Corp SH7261 Datasheet HTML 51Page - Renesas Technology Corp SH7261 Datasheet HTML 52Page - Renesas Technology Corp SH7261 Datasheet HTML 53Page - Renesas Technology Corp SH7261 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 1348 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 18 of 1312
REJ09B0320-0200
Classification
Symbol
I/O
Name
Function
Bus control
BC0
O
Byte select
Selects bits 7 to 0 of data of external
memory or device. (For an access in
units of 8, 16, or 32 bits)
BC1
O
Byte select
Selects bits 15 to 8 of data of
external memory or device. (For an
access in units of 16 or 32 bits)
BC2
O
Byte select
Selects bits 23 to 16 of data of
external memory or device. (For an
access in units of 32 bits)
BC3
O
Byte select
Selects bits 31 to 24 of data of
external memory or device. (For an
access in units of 32 bits)
DQM0
O
Byte select
Selects bits D7 to D0 when SDRAM
is connected. (For an access in units
of 8, 16, or 32 bits)
DQM1
O
Byte select
Selects bits D15 to D8 when SDRAM
is connected. (For an access in units
of 16 or 32 bits)
DQM2
O
Byte select
Selects bits D23 to D16 when
SDRAM is connected. (For an
access in units of 32 bits)
DQM3
O
Byte select
Selects bits D31 to D24 when
SDRAM is connected. (For an
access in units of 32 bits)
SDCS1,
SDCS0
O
Chip select
Pins connected to the
CS pins of
SDRAM
SDRAS
O
RAS
Pin connected to the
RAS pin of
SDRAM
SDCAS
O
CAS
Pin connected to the
CAS pin of
SDRAM
SDWE
O
WE
Pin connected to the
WE pin of
SDRAM
SDCKE
O
CK enable
Pin connected to the CKE pin of
SDRAM
SDCLK
O
Clock output
Pin connected to the CLK pin of
SDRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com