Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 39Page - Renesas Technology Corp SH7261 Datasheet HTML 40Page - Renesas Technology Corp SH7261 Datasheet HTML 41Page - Renesas Technology Corp SH7261 Datasheet HTML 42Page - Renesas Technology Corp SH7261 Datasheet HTML 43Page - Renesas Technology Corp SH7261 Datasheet HTML 44Page - Renesas Technology Corp SH7261 Datasheet HTML 45Page - Renesas Technology Corp SH7261 Datasheet HTML 46Page - Renesas Technology Corp SH7261 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 1348 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 11 of 1312
REJ09B0320-0200
1.3
Block Diagram
The block diagram of this LSI is shown in figure 1.1.
RES input
MRES input
NMI input
IRQ input
PINT input
Timer pulse I/O
Compare match output
External counter clock input
External counter reset input
RTC_X1 input
RTC_X2 output
*2
*1
Serial I/O
I2C bus I/O
Analog input
ADTRG input
Analog output
JTAG I/O
CD-ROM
decoder
(ROM-DEC)
Serial I/O
Audio clock input
CAN bus I/O
SH-2A CPU
core
Floating-point
unit (FPU)
Instruction cache
memory (8 kbytes)
Operand cache
memory (8 kbytes)
Cache controller
On-chip
RAM
(32 kbytes)
User break
controller
(UBC)
CPU instruction fetch bus (F bus)
CPU memory access bus (M bus)
Internal bus (I bus)
AUDRST input
AUDSYNC input
AUDCK input
AUDMD input
AUDATA I/O
Advanced user
debugger-II
(AUD-II)
UBCTRG
output
Bus bridge
External
bus I/O
External bus
width
mode input
Bus state
controller
(BSC)
On-chip
peripheral
module bus 1
controller
On-chip
peripheral
module bus 2
controller
Bus
monitor
Direct memory
access controller
(DMAC)
DREQ input
DACK output
DACT output
DTEND output
On-chip peripheral module bus 3
On-chip peripheral
module bus 1
On-chip peripheral module bus 2
Pin function
controller
(PFC)
I/O port
Clock pulse
generator
(CPG)
Watchdog
timer
(WDT)
Interrupt
controller
(INTC)
Multi-function
timer pulse
unit 2
(MTU2)
8-bit timer
(TMR)
Realtime
clock
(RTC)
General I/O
EXTAL input
XTAL output
CKIO I/O
Clock mode input
WDTOVF output
Internal CPU bus
Internal DMA write bus
Internal DMA read bus
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
Port
On-chip
peripheral
module bus 3
controller
User debugging
interface
(H-UDI)
Power-down
mode control
D/A
converter
(DAC)
A/D
converter
(ADC)
Controller
area network
(RCAN-ET)
IEB bus I/O
Port
IEBusTM
controller
(IEB)
Serial sound
interface
(SSI)
I2C bus
interface 3
(IIC3)
Serial
communication
interface with
FIFO (SCIF)
Notes: 1. R5S72611 and R5S72613 support this unit.
2. R5S72612 and R5S72613 support this unit.
CPU bus
(C bus)
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com