Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 98Page - Renesas Technology Corp SH7261 Datasheet HTML 99Page - Renesas Technology Corp SH7261 Datasheet HTML 100Page - Renesas Technology Corp SH7261 Datasheet HTML 101Page - Renesas Technology Corp SH7261 Datasheet HTML 102Page - Renesas Technology Corp SH7261 Datasheet HTML 103Page - Renesas Technology Corp SH7261 Datasheet HTML 104Page - Renesas Technology Corp SH7261 Datasheet HTML 105Page - Renesas Technology Corp SH7261 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 1348 page
background image
Section 3 Floating-Point Unit (FPU)
Rev. 2.00 Sep. 07, 2007 Page 70 of 1312
REJ09B0320-0200
31
30
23
22
0
x
N = 1: sNaN
N = 0: qNaN
11111111
Nxxxxxxxxxxxxxxxxxxxxxx
Figure 3.3 Single-Precision NaN Bit Pattern
An sNaN is input in an operation, except copy, FABS, and FNEG, that generates a floating-point
value.
• When the EN.V bit in FPSCR is 0, the operation result (output) is a qNaN.
• When the EN.V bit in FPSCR is 1, an invalid operation exception will be generated. In this
case, the contents of the operation destination register are unchanged.
If a qNaN is input in an operation that generates a floating-point value, and an sNaN has not been
input in that operation, the output will always be a qNaN irrespective of the setting of the EN.V bit
in FPSCR. An exception will not be generated in this case.
The qNAN values as operation results are as follows:
• Single-precision qNaN: H'7FBF FFFF
• Double-precision qNaN: H'7FF7 FFFF FFFF FFFF
See the individual instruction descriptions for details of floating-point operations when a non-
number (NaN) is input.
3.2.3
Denormalized Numbers
For a denormalized number floating-point value, the exponent field is expressed as 0, and the
fraction field as a non-zero value.
In the SH2A-FPU, the DN bit in the status register FPSCR is always set to 1, therefore a
denormalized number (source operand or operation result) is always flushed to 0 in a floating-
point operation that generates a value (an operation other than copy, FNEG, or FABS).
When the DN bit in FPSCR is 0, a denormalized number (source operand or operation result) is
processed as it is. See the individual instruction descriptions for details of floating-point
operations when a denormalized number is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com