Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 106Page - Renesas Technology Corp SH7261 Datasheet HTML 107Page - Renesas Technology Corp SH7261 Datasheet HTML 108Page - Renesas Technology Corp SH7261 Datasheet HTML 109Page - Renesas Technology Corp SH7261 Datasheet HTML 110Page - Renesas Technology Corp SH7261 Datasheet HTML 111Page - Renesas Technology Corp SH7261 Datasheet HTML 112Page - Renesas Technology Corp SH7261 Datasheet HTML 113Page - Renesas Technology Corp SH7261 Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1348 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 2.00 Sep. 07, 2007 Page 78 of 1312
REJ09B0320-0200
Figure 4.1 shows a block diagram of the clock pulse generator.
CKIO
PLL circuit 2
(
×2, 4)
EXTAL
XTAL
MD_CLK1
MD_CLK0
FRQCR
STBCR
STBCR2
STBCR3
STBCR4
STBCR5
PLL circuit 1
(
×1, 2, 3, 4, 6, 8)
Crystal
oscillator
Peripheral bus
Bus interface
CPG control unit
Clock frequency
control circuit
Standby control circuit
On-chip oscillator
×1
×1/2
×1/3
×1/4
×1/6
×1/8
×1/12
Divider
Internal clock
(I
φ, Max. :
120 MHz (Regular specifications),
100 MHz (Wide-range specifications))
Peripheral clock
(P
φ, Max. 40 MHz)
Bus clock
(B
φ = CKIO, Max. 60 MHz)
FRQCR:
STBCR:
STBCR2:
STBCR3:
STBCR4:
STBCR5:
[Legend]
Frequency control register
Standby control register
Standby control register 2
Standby control register 3
Standby control register 4
Standby control register 5
Figure 4.1 Block Diagram of Clock Pulse Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com