Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 222 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 222 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 218Page - Renesas Technology Corp SH7261 Datasheet HTML 219Page - Renesas Technology Corp SH7261 Datasheet HTML 220Page - Renesas Technology Corp SH7261 Datasheet HTML 221Page - Renesas Technology Corp SH7261 Datasheet HTML 222Page - Renesas Technology Corp SH7261 Datasheet HTML 223Page - Renesas Technology Corp SH7261 Datasheet HTML 224Page - Renesas Technology Corp SH7261 Datasheet HTML 225Page - Renesas Technology Corp SH7261 Datasheet HTML 226Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 1348 page
background image
Section 8 Cache
Rev. 2.00 Sep. 07, 2007 Page 190 of 1312
REJ09B0320-0200
8.2
Register Descriptions
The cache has the following registers.
Table 8.2
Register Configuration
Register Name
Abbreviation
R/W
Initial Value
Address
Access Size
Cache control register 1
CCR1
R/W
H'00000000
H'FFFC1000
32
Cache control register 2
CCR2
R/W
H'00000000
H'FFFC1004
32
8.2.1
Cache Control Register 1 (CCR1)
The instruction cache is enabled or disabled using the ICE bit. The ICF bit controls disabling of all
instruction cache entries. The operand cache is enabled or disabled using the OCE bit. The OCF
bit controls disabling of all operand cache entries. The WT bit selects either write-through mode or
write-back mode for operand cache.
Programs that change the contents of CCR1 should be placed in an address space that is not
cached, and an address space that is cached should be accessed after reading the contents of
CCR1.
CCR1 is initialized to H'00000000 by a power-on reset and in deep standby but not initialized by a
manual reset or in software standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R/W
R
R
R/W
R
R
R
R
R/W
R
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:




ICF
ICE
OCF
WT
OCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com