Electronic Components Datasheet Search
  English  ▼

X  

SH7606 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7606
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family / SH7606 Series
PDF  532 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7606 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7606 Datasheet HTML 93Page - Renesas Technology Corp SH7606 Datasheet HTML 94Page - Renesas Technology Corp SH7606 Datasheet HTML 95Page - Renesas Technology Corp SH7606 Datasheet HTML 96Page - Renesas Technology Corp SH7606 Datasheet HTML 97Page - Renesas Technology Corp SH7606 Datasheet HTML 98Page - Renesas Technology Corp SH7606 Datasheet HTML 99Page - Renesas Technology Corp SH7606 Datasheet HTML 100Page - Renesas Technology Corp SH7606 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 532 page
background image
Section 5 Exception Handling
Rev. 4.00 Sep. 13, 2007 Page 71 of 502
REJ09B0239-0400
5.3
Address Errors
5.3.1
Address Error Sources
Address errors occur when instructions are fetched or data is read from or written to, as shown in
table 5.6.
Table 5.6
Bus Cycles and Address Errors
Bus Cycle
Type
Bus Master
Bus Cycle Description
Address Errors
CPU
Instruction fetched from even address
None (normal)
Instruction
fetch
Instruction fetched from odd address
Address error occurs
CPU
Word data accessed from even address
None (normal)
Data
read/write
Word data accessed from odd address
Address error occurs
Longword data accessed from a longword
boundary
None (normal)
Longword data accessed from other than a
long-word boundary
Address error occurs
5.3.2
Address Error Exception Source
When an address error exception is generated, the bus cycle which caused the address error ends,
the current instruction finishes, and then the address error exception handling starts. The CPU
operates as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value to be saved is the start address
of the instruction which caused an address error exception. When the instruction that caused
the exception is placed in the delay slot, the address of the delayed branch instruction which is
placed immediately before the delay slot.
3. The start address of the exception handling routine is fetched from the exception handling
vector table that corresponds to the generated address error, and the program starts executing
from that address. This branch is not a delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com