| Electronic Components Datasheet Search |
|
SH7606 Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7606 Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 532 page ![]() Rev. 4.00 Sep. 13, 2007 Page xxii of xxvi Figure 19.33 PCMCIA Memory Card Interface Bus Timing ..................................................... 475 Figure 19.34 PCMCIA Memory Card Interface Bus Timing (TED = 2.5 Cycles, TEH = 1.5 Cycles, One Software Wait Cycle, One External Wait Cycle) ........... 476 Figure 19.35 PCMCIA I/O Card Interface Bus Timing.............................................................. 477 Figure 19.36 PCMCIA I/O Card Interface Bus Timing (TED = 2.5 Cycles, TEH = 1.5 Cycles, One Software Wait Cycle, One External Wait Cycle) ........... 478 Figure 19.37 SCK Input Clock Timing ...................................................................................... 479 Figure 19.38 SCI Input/Output Timing in Clocked Synchronous Mode .................................... 480 Figure 19.39 I/O Port Timing ..................................................................................................... 480 Figure 19.40 HIF Access Timing ............................................................................................... 482 Figure 19.41 HIFINT and HIFDREQ Timing ............................................................................ 482 Figure 19.42 HIFRDY and HIF Pin Enable/Disable Timing...................................................... 483 Figure 19.43 TCK Input Timing.................................................................................................484 Figure 19.44 TCK Input Timing in Reset Hold State................................................................. 484 Figure 19.45 H-UDI Data Transmission Timing........................................................................ 484 Figure 19.46 Output Load Circuit ..............................................................................................485 Figure 19.47 Load Capacitance versus Delay Time ................................................................... 486 Appendix Figure C.1 Package Dimensions (BP-176) ................................................................................. 491 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |