Electronic Components Datasheet Search
  English  ▼

X  

AMC6821 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 42 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 38Page - Texas Instruments AMC6821 Datasheet HTML 39Page - Texas Instruments AMC6821 Datasheet HTML 40Page - Texas Instruments AMC6821 Datasheet HTML 41Page - Texas Instruments AMC6821 Datasheet HTML 42Page - Texas Instruments AMC6821 Datasheet HTML 43Page - Texas Instruments AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Fan Spin Disable Bit: FSPD
This bit enables or disables the spin-up function.
PWM Frequency Bits: [PWM2:PWM0]
These bits specify the PWM frequency; the high range (1kHz–40kHz) has a default value of 25kHz, and the low
range (10Hz–94Hz) has a default value of 30Hz. The clock frequency is 3.2MHz. The PWM-MODE pin
determines which range is selected. When the PWM mode is tied to ground, the high range is selected;
otherwise, the low range is selected.
Spin-Up Time Bits: [STIME2:STIME0]
These bits specify a predetermined time period, or spin-up time, during which the 100% duty cycle is applied to
start the fan spinning. These bits are ignored when FSPD = 1.
DCY-LOW-TEMP Register (Address 0x21, Value After Power-On or Reset = 0x55, 33.2%)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
L-DCY 7
L-DCY 6
L-DCY 5
L-DCY 4
L-DCY 3
L-DCY 2
L-DCY 1
L-DCY 0
This register specifies the duty cycle in Auto Temp-Fan Control mode when the control temperature is less than
or equal to the value of the Low-Temp bits in the TEMP-FAN Control Regsiter.
Local TEMP-FAN Control Register (Address 0x24, Value After Power-On or Reset = 0x41)
BIT
NAME
DEFAULT
DESCRIPTION
7
L-TEMP4
0
Low Temperature Bit of Local Sensor
6
L-TEMP3
1
L-TEMP4
L-TEMP3
L-TEMP2
L-TEMP1
L-TEMP0
Low Temp
5
L-TEMP2
0
0
0
0
0
0
0
°C
4
L-TEMP1
0
0
0
0
0
1
4
°C
3
L-TEMP0
0
0
0
0
1
0
8
°C
0
0
0
1
1
12
°C
...
...
...
...
...
...
0
1
0
0
0
32
°C (Default)
...
...
...
...
...
...
1
1
1
1
0
120
°C
1
1
1
1
1
124
°C
2
L-SLP2
0
Slope Bits of Local Sensor
1
L-SLP1
0
Slope
Temp Range in
°C
0
L-SLP0
1
L-SLP2
L-SLP1
L-SLP0
LSB/
°C
%/
°C
(DCY 33.3% to 100%)
0
0
0
32
12.55
5.31
0
0
1
16
6.27
10.62 (default)
0
1
0
8
3.14
21.25
0
1
1
4
1.57
42.5
1
0
0
2
0.78
85
This register specifies the parameters of the local Temperature-Fan Control mode.
Low Temperature Bits: [L-TEMP4:L-TEMP0]
These bits specify the low temperature of the local temperature fan control loop. The calculated duty cycle is
equal to the value of the DCY-LOW-TEMP register when the local temperature is less than or equal to the value
defined by bits [L-TEMP4:L-TEMP0]. Refer to the Auto Temperature Fan Mode section for details.
Slope Bits: [L-SLP2:L-SLP0]
These bits define the increment of the duty cycle when the local temperature rises every 1
°C in the auto local
temperature-fan control.
42
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com