Electronic Components Datasheet Search
  English  ▼

X  

AMC6821 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC6821 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 43Page - Texas Instruments AMC6821 Datasheet HTML 44Page - Texas Instruments AMC6821 Datasheet HTML 45Page - Texas Instruments AMC6821 Datasheet HTML 46Page - Texas Instruments AMC6821 Datasheet HTML 47Page - Texas Instruments AMC6821 Datasheet HTML 48Page - Texas Instruments AMC6821 Datasheet HTML 49Page - Texas Instruments AMC6821 Datasheet HTML 50Page - Texas Instruments AMC6821 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Remote-Low-Temp-Limit Register (Address 0x19, Value After Power-On or Reset = 0x00, 0
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
RT-L10 (MSB)
RT-L9
RT-L8
RT-L7
RT-L6
RT-L5
RT-L4
RT-L3
These bits are the lower bounds of the remote temperature.
Remote-THERM-Limit Register (Address 0x1A, Value After Power-On or Reset = 0x64, +100
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
RT-T10 (MSB)
RT-T9
RT-T8
RT-T7
RT-T6
RT-T5
RT-T4
RT-T3
These bits are the thermal threshold of the remote temperature.
Local-Critical-Temp Register (Address 0x1B, Value After Power-On or Reset = 0x50, +80
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
LT-C10
LT-C9
LT-C8
LT-C7
LT-C6
LT-C5
LT-C4
LT-C3
These bits are the critical threshold of the local temperature.
PSV-Temp Register (Address 0x1C, Value After Power-On or Reset = 0x00, 0
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
0
0
PSV8
PSV7
PSV6
PSV5
PSV4
PSV3
Bits [PSV10:PSV0] are the passive cooling temperature threshold. Bits PSV10, PSV9, and [PSV2:PSV0] are
always '0'. The PSV ranges from 0
°C to +64°C.
In the auto fan temperature loop, the fan stops and the duty cycle is forced to 0% when the active temperature is
equal to or below the PSV temperature.
Remote-Critical-Temp Register (Address 0x1D, Value After Power-On or Reset = 0x69, +105
°C)
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0 (LSB)
RT-C10
RT-C9
RT-C8
RT-C7
RT-C6
RT-C5
RT-C4
RT-C3
Bits [RT-C10:RT-C0] are the critical threshold of the remote temperature.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com