Electronic Components Datasheet Search
  English  ▼

X  

DG441LDY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG441LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LDY Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG441LDY Datasheet HTML 2Page - Vishay Siliconix DG441LDY Datasheet HTML 3Page - Vishay Siliconix DG441LDY Datasheet HTML 4Page - Vishay Siliconix DG441LDY Datasheet HTML 5Page - Vishay Siliconix DG441LDY Datasheet HTML 6Page - Vishay Siliconix DG441LDY Datasheet HTML 7Page - Vishay Siliconix DG441LDY Datasheet HTML 8Page - Vishay Siliconix DG441LDY Datasheet HTML 9Page - Vishay Siliconix DG441LDY Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DG441L/442L
Vishay Siliconix
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
www.vishay.com
7
SCHEMATIC DIAGRAM (TYPICAL CHANNEL)
FIGURE 1.
INX
5-V Reg
Level
Shift/
Drive
V+
GND
V-
S
D
V-
V+
TEST CIRCUITS
FIGURE 2. Switching Time
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50%
0 V
VO
VS
tr <20 ns
tf <20 ns
tOFF
tON
Note:
Logic input waveform is inverted for DG442.
50%
80%
80%
VS
CL (includes fixture and stray capacitance)
V-
V+
IN
S
D
3 V
RL
1 k
W
CL
35 pF
VO
V-
GND
V+
FIGURE 3. Charge Injection
OFF
ON
OFF
OFF
ON
OFF
VO
DV
O
INX
INX
Q =
DVO x CL
(DG441)
(DG442)
CL
1 nF
IN
D
VO
V-
V+
S
3 V
Rg
V-
GND
V+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com