Electronic Components Datasheet Search
  English  ▼

X  

DG441LDY Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG441LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LDY Datasheet(HTML) 3 Page - Vishay Siliconix

  DG441LDY Datasheet HTML 1Page - Vishay Siliconix DG441LDY Datasheet HTML 2Page - Vishay Siliconix DG441LDY Datasheet HTML 3Page - Vishay Siliconix DG441LDY Datasheet HTML 4Page - Vishay Siliconix DG441LDY Datasheet HTML 5Page - Vishay Siliconix DG441LDY Datasheet HTML 6Page - Vishay Siliconix DG441LDY Datasheet HTML 7Page - Vishay Siliconix DG441LDY Datasheet HTML 8Page - Vishay Siliconix DG441LDY Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DG441L/442L
Vishay Siliconix
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
www.vishay.com
3
SPECIFICATIONSa (DUAL SUPPLY "5 V)
Test Conditions
Unless Specified
A Suffix Limits
- 55 to 125
_C
D Suffix Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 5 V, V - = - 5 V
VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
-5
5
-5
5
V
Drain-Source
On-Resistance
rDS(on)
V+ = 5 V, V - = - 5 V
IS = 10 mA, VD = "3.5 V
Room
Full
20
33
45
33
40
W
On-Resistance
Match BetweenChannelse
DrDS(on)
IS = 10 mA, VD = "3.5 V
Room
0.1
0.5
0.5
W
Switch Off
IS(off)
V+ = 5.5 V, V - = - 5.5 V
Room
Full
-1
-15
1
15
-1
-10
1
10
Switch Off
Leakage Currentg
ID(off)
V+ = 5.5 V, V - = - 5.5 V
VD = "4.5 V, VS = #4.5 V
Room
Full
-1
-15
1
15
-1
-10
1
10
nA
Channel On
Leakage Currentg
ID(on)
V+ = 5.5 V, V - = - 5.5 V
VS = VD = "4.5 V
Room
Full
-1
-15
1
15
-1
-10
1
10
Digital Control
Input Current, VIN Lowe
IIL
VIN Under Test = 0.8 V
Full
0.05
- 1.5
1.5
-1
1
mA
Input Current, VIN Highe
IIH
VIN Under Test = 2.4 V
Full
0.05
- 1.5
1.5
-1
1
mA
Dynamic Characteristics
Turn-On Time
tON
RL = 300 W, CL = 35 pF
Room
Full
21
60
83
60
70
ns
Turn-Off Time
tOFF
RL = 300 W, CL = 35 pF
VS = "3.5 V See Figure 2
Room
Full
16
35
55
35
45
ns
Charge Injectione
Q
Vg = 0 V, Rg = 0 W, CL = 10 nF
Room
5
pC
Off Isolatione
OIRR
RL = 50 W CL = 5 pF
Room
68
Channel-to-Channel
Crosstalke
XTALK
RL = 50 W, CL = 5 pF,
f = 1 MHz
Room
85
dB
Source Off Capacitancee
CS(off)
Room
9
Drain Off Capacitancee
CD(off)
f = 1 MHz
Room
9
pF
Channel On Capacitancee
CD(on)
Room
20
p
Power Supplies
Positive Supply Currente
I+
Full
0.002
1.5
1
Negative Supply Currente
I-
VIN = 0 or 5 V
Room
Full
- 0.002
-1
- 7.5
-1
-5
mA
Ground Currente
IGND
Full
- 0.002
- 1.5
-1
SPECIFICATIONSa (SINGLE SUPPLY 5 V)
Test Conditions
Unless Specified
A Suffix Limits
- 55 to 125
_C
D Suffix Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 5 V, V - = 0 V
VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd
Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
5
0
5
V
Drain-Source
On-Resistancee
rDS(on)
V+ = 4.5 V, IS = 5 mA
VD = 1 V, 3.5 V
Room
Full
35
50
88
50
75
W
On-Resistance
Match Between Channelse
DrDS(on)
IS = 5 mA, VD = 3.5 V
Room
0.5
1.0
1.0
W
Dynamic Characteristics
Turn-On Timee
tON
RL = 300 W, CL = 35 pF
Room
Hot
27
50
90
50
60
ns
Turn-Off Timee
tOFF
RL = 300 W, CL = 35 pF
VS = 3.5 V, See Figure 2
Room
Hot
15
30
55
30
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com