Electronic Components Datasheet Search
  English  ▼

X  

DG441LDY Datasheet(PDF) 8 Page - Vishay Siliconix

Part # DG441LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LDY Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button DG441LDY Datasheet HTML 2Page - Vishay Siliconix DG441LDY Datasheet HTML 3Page - Vishay Siliconix DG441LDY Datasheet HTML 4Page - Vishay Siliconix DG441LDY Datasheet HTML 5Page - Vishay Siliconix DG441LDY Datasheet HTML 6Page - Vishay Siliconix DG441LDY Datasheet HTML 7Page - Vishay Siliconix DG441LDY Datasheet HTML 8Page - Vishay Siliconix DG441LDY Datasheet HTML 9Page - Vishay Siliconix DG441LDY Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DG441L/442L
Vishay Siliconix
www.vishay.com
8
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
TEST CIRCUITS
FIGURE 4. Crosstalk
FIGURE 5. Off Isolation
FIGURE 6. Source/Drain Capacitances
C = 1
mF tantalum in parallel with 0.01 mF ceramic
50
W
D1
VO
Rg = 50 W
S1
V+
V-
D2
GND
V+
V-
NC
C
C
S2
RL
IN1
XTALK Isolation = 20 log
VS
VO
0V, 2.4 V
0V, 2.4 V
VS
IN2
C = RF bypass
S
IN
RL
D
Rg = 50 W
VS
VO
0V, 2.4 V
Off Isolation = 20 log
VS
VO
V+
V-
GND
V -
C
C
V+
S
D
IN
V+
V-
GND
V+
V-
C
C
0 V, 2.4 V
Meter
HP4192A
Impedance
Analyzer
or Equivalent



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com