Electronic Components Datasheet Search
  English  ▼

X  

DG441LDY Datasheet(PDF) 9 Page - Vishay Siliconix

Part # DG441LDY
Description  Precision Monolithic Quad SPST Low-Voltage CMOS Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG441LDY Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button DG441LDY Datasheet HTML 2Page - Vishay Siliconix DG441LDY Datasheet HTML 3Page - Vishay Siliconix DG441LDY Datasheet HTML 4Page - Vishay Siliconix DG441LDY Datasheet HTML 5Page - Vishay Siliconix DG441LDY Datasheet HTML 6Page - Vishay Siliconix DG441LDY Datasheet HTML 7Page - Vishay Siliconix DG441LDY Datasheet HTML 8Page - Vishay Siliconix DG441LDY Datasheet HTML 9Page - Vishay Siliconix DG441LDY Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DG441L/442L
Vishay Siliconix
Document Number: 71399
S-03294—Rev. D, 17-Mar-03
www.vishay.com
9
APPLICATIONS
FIGURE 7. Power MOSFET Driver
+12 V
+12 V
GND
V -
V+
0 = Load Off
1 = Load On
+24 V
I = 3A
VN0300L, M
DG442L
+12 V
10 k
W
150
W
RL
FIGURE 8. Open Loop Sample-and-Hold
H = Sample
L = Hold
0 V
+12 V
VIN
VOUT
CH
SD
IN
1/4 DG442L
+
-
+
-
IN
+12 V
) V
V+
V -
GND
DG441L or DG442L
+
-
VIN
VOUT
Gain error is determined only by the resistor
tolerance. Op amp offset and CMRR will limit ac-
curacy of circuit.
GAIN1
AV = 1
GAIN2
AV = 10
GAIN3
AV = 20
GAIN4
AV = 100
R1
90 k
W
R2
5 k
W
R3
4 k
W
R4
1 k
W
VOUT
VIN
=
R1 + R2 + R3 + R4
R4
= 100
With SW4 Closed
FIGURE 9. Precision-Weighted Resistor Programmable-Gain Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com