Electronic Components Datasheet Search
  English  ▼

X  

SH7065 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SH7065
Description  Renesas 32-Bit RISC Microcomputer SuperH RISC engine Family/SH7000 Series
PDF  941 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7065 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SH7065 Datasheet HTML 24Page - Renesas Technology Corp SH7065 Datasheet HTML 25Page - Renesas Technology Corp SH7065 Datasheet HTML 26Page - Renesas Technology Corp SH7065 Datasheet HTML 27Page - Renesas Technology Corp SH7065 Datasheet HTML 28Page - Renesas Technology Corp SH7065 Datasheet HTML 29Page - Renesas Technology Corp SH7065 Datasheet HTML 30Page - Renesas Technology Corp SH7065 Datasheet HTML 31Page - Renesas Technology Corp SH7065 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 941 page
background image
Section 1 Overview
Rev. 5.00 Sep 11, 2006 page 6 of 916
REJ09B0332-0500
Item
Specifications
Compare-match
timer (CMT)
(2 channels)
• 16-bit free-running counter
• One compare register
• Interrupt request generated by compare-match
Watchdog timer
(WDT) (1 channel)
• Can be switched between watchdog timer and interval timer function
• Internal reset, external signal, or interrupt generated by count overflow
Serial
communication
interface (SCI)
(3 channels)
For each channel:
• Selection of asynchronous or synchronous mode
• Simultaneous transmission/reception (full-duplex) capability
• Built-in dedicated baud rate generator
• Multiprocessor communication function
• Separate 16-stage FIFO registers for transmission and reception, enabling
continuous high-speed communication
• Selection of MSB-first or LSB-first transfer
• Selection of base clock of 4/8/16 times the bit rate in asynchronous mode
• Built-in IrDA interface (conforming to IrDA 1.0)
I/O ports
• Total of 118 port pins: 110 input/output, 8 input
• Input/output voltage level for some ports can be set by I/O circuit power
supply PVCC
A/D converter
• 10 bits × 4 channels × 2 modules
• Conversion can be activated by external trigger
D/A converter
• 8 bits × 2 channels
On-chip memory
• ROM: 256 kbytes
• X-RAM: 4 kbytes
• Y-RAM: 4 kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com